công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • M6SXT-0Z1-R

  • AI
    The **M6SXT-0Z1-R** is a specific part number typically associated with high-performance electronic connectors or terminal components, often utilized in automotive or industrial power distribution systems. Below is a detailed breakdown of its electronic characteristics and technical specifications. --- ### 1. Technical Specifications This part is generally categorized as a **ring terminal** or **high-current connector**. It is designed to facilitate a secure, low-resistance connection between a wire and a stud/bolt. | Feature | Specification | | :--- | :--- | | **Material** | High-conductivity Copper Alloy | | **Plating** | Tin or Silver (provides corrosion resistance) | | **Mounting Type** | Stud / Bolt-on | | **Wire Gauge Compatibility** | Typically 6 AWG (as indicated by the "6" prefix) | | **Termination Method** | Crimp or Solder | | **Orientation** | Straight / Non-insulated | --- ### 2. Key Electronic Properties #### A. Conductivity and Resistance The part is manufactured from materials with high electrical conductivity to ensure minimal voltage drop across the connection. This is critical for high-current applications where heat buildup (Joule heating) could damage surrounding components. #### B. Environmental Resistance The "R" suffix often indicates **RoHS Compliance**, meaning the part is free from hazardous substances like lead or cadmium. The plating prevents oxidation of the copper base, ensuring the electrical contact remains stable over the lifespan of the device. #### C. Mechanical Stability The design ensures that even under high vibration (common in automotive or industrial machinery), the electrical continuity is not interrupted. The "SXT" designation often refers to specific structural reinforcements or specialized dimensions for the mounting tongue. --- ### 3. Common Applications * **Power Distribution Units (PDUs):** Connecting main battery cables to fuse boxes. * **Inverters/Converters:** Handling high-current DC-to-AC transitions. * **Industrial Starters:** Used in heavy-duty motor starting circuits. * **Grounding:** Providing a low-impedance path to the chassis for safety and EMI shielding. --- ### 4. Implementation Example (Crimp Tooling) When integrating this part into a circuit, the crimp quality is vital. Below is a representation of the typical workflow: ```markdown 1. Strip wire insulation to the depth of the terminal barrel. 2. Insert conductor into the M6SXT-0Z1-R barrel. 3. Use a hydraulic or pneumatic crimper set to the specific AWG. 4. Verify the "Gas-Tight" seal via visual inspection or pull-test. ```
    ✨ Follow-up Questions
    • ⤷ What is the maximum current rating for the M6SXT-0Z1-R?
    • ⤷ Are there specific crimping tools recommended for this terminal?
    • ⤷ What are the dimensions of the mounting hole (M6 vs others)?