công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • M6SXAT-4-R

  • AI
    The **M6SXAT-4-R** is a specific technical component part number, most commonly associated with **Metric Hexagon Socket Button Head Screws** (often manufactured by companies like Misumi or similar industrial hardware suppliers). While it is a mechanical fastener rather than an active electronic component (like a chip), it is a critical "hardware part" used in the assembly of electronic enclosures, heat sinks, and PCB mountings. --- ### 1. Part Number Breakdown Typically, the nomenclature follows this standard industrial convention: | Segment | Identification | Description | | :--- | :--- | :--- | | **M6** | Thread Size | Metric 6mm diameter thread. | | **SX** | Material/Type | Often designates Stainless Steel (A2 or A4 grade) or a specific low-profile head style. | | **AT** | Coating/Finish | Can refer to "Antiglare" black finish or a specific anti-loosening treatment. | | **4** | Length | The length of the screw shank (4mm). | | **R** | Packaging | Usually indicates "Reel" or "RoHS Compliant" depending on the manufacturer. | --- ### 2. Technical Specifications These parts are engineered for precision electronics and robotics: * **Drive Type:** Hexagon Socket (Allen Key). This allows for high torque without "cam-out," which is essential in sensitive electronic assemblies. * **Head Style:** Button Head. Provides a wider surface area to distribute pressure across plastic casings or PCB substrates without cracking them. * **Material:** Usually **304 Stainless Steel** (Non-magnetic). Being non-magnetic is crucial in electronics to avoid interfering with sensors or magnetic storage. * **Compliance:** RoHS Compliant (Lead-free and environmentally safe for global electronics standards). --- ### 3. Application in Electronics In the context of electronic hardware engineering, the M6SXAT-4-R is used for: 1. **Enclosure Assembly:** Fastening the metal or plastic plates of a server rack or desktop PC. 2. **Grounding:** Securing grounding lugs to a metal chassis (due to the conductivity of the stainless steel). 3. **Component Mounting:** Attaching heavy internal components like large toroidal transformers or industrial power supplies to the base plate. 4. **Vibration Resistance:** When used with the "AT" (Anti-loosening) treatment, it prevents the screw from backing out in devices with fans or moving parts (like 3D printers). --- ### 4. Comparison with Standard Screws | Feature | M6SXAT-4-R | Standard Hardware Screw | | :--- | :--- | :--- | | **Precision** | High Tolerance (ISO Class) | Low Tolerance | | **Magnetism** | Non-Magnetic (Stainless) | Magnetic (Carbon Steel) | | **Corrosion** | High Resistance | Low (unless galvanized) | | **Use Case** | Circuitry/Robotics | General Construction |
    ✨ Follow-up Questions
    • ⤷ What are the torque specifications for M6 stainless steel screws in electronic housings?
    • ⤷ Can this part be used in high-vacuum environments for semiconductor manufacturing?
    • ⤷ What are the alternatives to the AT coating for vibration resistance?