M6SXAS-S1-R
AI

The **M6SXAS-S1-R** is a specific part number belonging to the **M6S series** of Solid State Drives (SSD) manufactured by **Plextor**. This component is designed for high-performance computing, utilizing the SATA III interface.
Below is a breakdown of its electronic components and technical specifications.
---
### 1. Technical Specifications Table
| Feature | Specification |
| :--- | :--- |
| **Form Factor** | 2.5-inch (7mm slim design) |
| **Interface** | SATA III 6.0 Gb/s (backward compatible) |
| **Capacity** | 128GB (Standard for S1-R variant) |
| **Controller** | Marvell 88SS9188 |
| **NAND Flash** | Toshiba A19nm MLC (Multi-Level Cell) |
| **Buffer/Cache** | DDR3 SDRAM (typically 256MB) |
---
### 2. Key Electronic Components
The performance and reliability of the M6SXAS-S1-R are driven by three primary electronic pillars:
#### A. The Controller (Marvell 88SS9188)
Often referred to as the "brain" of the SSD, this dual-core processor manages data flow, error correction (ECC), and wear leveling.
* **Performance:** Optimized for low power consumption without sacrificing high-speed data throughput.
* **Efficiency:** Supports **DEVSLP** (Device Sleep) mode, which allows the drive to consume almost no power when idle, extending laptop battery life.
#### B. NAND Flash Memory (Toshiba A19nm MLC)
The storage medium itself.
* **MLC vs TLC:** Unlike modern budget drives that use TLC (Triple-Level Cell), this part uses **MLC**. MLC provides higher endurance (more write cycles) and better data retention.
* **Process Node:** The "A19nm" refers to Toshiba's second-generation 19nm manufacturing process, which improved density and efficiency.
#### C. DRAM Cache (DDR3)
To bridge the speed gap between the controller and the NAND flash, the S1-R includes a dedicated DDR3 RAM chip.
* **Function:** It stores the "mapping table" (LBA-to-PBA), allowing the controller to locate data instantly rather than searching the slower NAND memory.
---
### 3. Electronic Protection & Logic
The circuitry includes several logic layers to ensure data integrity:
* **TrueSpeed Technology:** A proprietary Plextor firmware feature that prevents "SSD slowdown" (performance degradation) after long-term use and high disk occupancy.
* **Bad Block Management:** The controller automatically identifies and retires failing memory cells to prevent data corruption.
* **Thermal Sensors:** Onboard sensors monitor the temperature of the controller and NAND to prevent overheating through thermal throttling.
- ⤷
What is the difference in lifespan between the MLC NAND used in this model versus modern TLC drives?
- ⤷ Can this 2.5-inch SATA drive be converted for use in an M.2 slot?
- ⤷ What are the typical read/write speeds for the Marvell 88SS9188 controller?