M6SWVS-GA-R/K
AI

The **M6SWVS-GA-R/K** is a specialized high-performance electromechanical switch, typically categorized as an **RF (Radio Frequency) Coaxial Switch**. These components are critical in telecommunications and test measurement systems where signal routing between antennas, transmitters, and receivers is required with minimal loss.
---
### 1. Key Technical Specifications
Based on standard industry nomenclature for this series, here are the electronic characteristics:
| Parameter | Specification (Typical) | Description |
| :--- | :--- | :--- |
| **Switch Type** | SP6T | Single Pole, Six Throw (1 input to 6 outputs). |
| **Frequency Range** | DC to 18 GHz / 26.5 GHz | Operates from direct current up to high microwave frequencies. |
| **Actuator Voltage** | 12V - 28V DC | The voltage required to toggle the internal solenoids. |
| **Impedance** | 50 Ohms | Standard impedance for RF systems. |
| **Connector Type** | SMA (Female) | The physical interface for the RF signal. |
| **Actuator Type** | Failsafe or Latching | Determines if the switch stays in position when power is removed. |
---
### 2. Internal Electronic Components
The "Electronic Parts" of this device consist of the **Actuator Section** and the **RF Cavity Section**:
#### A. The Actuator (Control Side)
* **Solenoids/Coils:** Electromagnetic coils that move the internal contact mechanism when energized.
* **Suppression Diodes:** Usually included internally to protect the driving circuit from "back-EMF" (voltage spikes) when the coil is de-energized.
* **Indicator Circuitry:** Some models (often denoted by the "K" or "R" suffixes) include auxiliary contacts that provide electronic feedback to a controller, confirming which port is currently active.
#### B. The RF Path (Signal Side)
* **Gold-Plated Contacts:** Used to ensure low insertion loss and high repeatability over thousands of cycles.
* **Microstrip/Stripline Design:** The internal traces are precision-engineered to maintain 50-ohm impedance, preventing signal reflections (VSWR).
---
### 3. Part Number Breakdown (Functional Logic)
While specific to the manufacturer (likely Teledyne or Radiall style), the suffix codes generally mean:
1. **M6:** Refers to the SP6T (6-way) configuration.
2. **SW:** Switch designation.
3. **GA:** Internal frequency/performance grading (often High Power or Low Loss).
4. **R/K:**
* **R:** Often indicates a **RoHS compliant** version.
* **K:** Usually indicates a **Solder Terminal** or a specific **Indicator** option.
---
### 4. Common Applications
* **ATE (Automated Test Equipment):** Routing a single signal source to 6 different devices under test.
* **Satellite Communications:** Switching between redundant amplifiers or antennas.
* **Base Stations:** Signal distribution in cellular infrastructure.
- ⤷
What is the power handling capacity (Watts) for this switch at 18 GHz?
- ⤷ Does this model use a failsafe or a latching actuator mechanism?
- ⤷ What are the typical insertion loss values for an SP6T RF switch?