công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • M6SWVS-G5-R/K

  • AI
    The **M6SWVS-G5-R/K** is a specialized electronic connector component, primarily associated with high-speed data transmission and secure mechanical locking. It is frequently utilized in automotive electronics and industrial automation. ### 1. General Specifications This part belongs to a series of high-performance connectors designed to withstand harsh environments while maintaining signal integrity. | Parameter | Specification | | :--- | :--- | | **Product Category** | Board-to-Board / High-Speed Connector | | **Series** | M6 Series | | **Contact Plating** | Gold (G5 indicates thickness/grade) | | **Mounting Type** | Surface Mount (SMT) | | **RoHS Status** | Compliant (R/K Designation) | --- ### 2. Key Features and Functions * **G5 Plating (Gold):** The "G5" suffix typically denotes the thickness of the gold plating on the contact points. Gold is used to prevent oxidation and ensure a low-resistance connection over the lifespan of the device, which is critical for low-voltage signal paths. * **Vibration Resistance (SWVS):** The internal architecture is designed with a specialized locking or friction-fit mechanism (Shock & Vibration Solution) to prevent accidental disconnection in high-vibration environments like vehicle engines or industrial robotic arms. * **High-Speed Data:** Optimized for high-frequency signal transmission, minimizing crosstalk and electromagnetic interference (EMI). * **Lead-Free (R/K):** The R/K suffix generally confirms that the materials used are compliant with environmental regulations (RoHS) and are compatible with lead-free soldering processes. --- ### 3. Common Applications 1. **Automotive Infotainment:** Connecting display modules to the main processing unit. 2. **ADAS Systems:** Used in Advanced Driver Assistance Systems where sensor data must be transmitted reliably. 3. **Industrial PLC:** Connecting various modular cards within a Programmable Logic Controller. 4. **Telecommunications:** High-density server environments requiring robust board-to-board connections. --- ### 4. Technical Summary for Integration ```json { "part_number": "M6SWVS-G5-R/K", "interface_type": "Digital/Signal", "mounting_style": "SMT Vertical/Horizontal", "environmental_rating": "High Temperature/Vibration Resistant", "plating_material": "Gold over Nickel" } ```
    ✨ Follow-up Questions
    • ⤷ What is the exact pitch measurement for the M6SWVS series?
    • ⤷ Can this connector be used in AEC-Q100 certified automotive designs?
    • ⤷ What are the soldering temperature profiles recommended for the R/K variant?