công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • M6SWVS-5A-R/Q

  • AI
    The **M6SWVS-5A-R/Q** is a specialized high-current surface-mount fuse, typically utilized in power management and battery protection circuits. This part belongs to a class of compact, robust electronic components designed to protect sensitive electronics from overcurrent conditions. --- ### 1. General Specifications The following table outlines the technical parameters generally associated with this specific series: | Parameter | Typical Value | | :--- | :--- | | **Component Type** | Surface Mount Fuse (SMD) | | **Current Rating** | 5 Amperes (5A) | | **Voltage Rating** | Typically 32V - 63V DC (varies by sub-series) | | **Mounting Style** | Surface Mount (SMT) | | **Packaging** | Tape & Reel (indicated by the 'R/Q' suffix) | | **Response Characteristic** | Fast-Acting or Slow-Blow (dependent on specific data sheet) | --- ### 2. Breakdown of the Part Number While nomenclature varies by manufacturer (often associated with brands like **Littelfuse** or **Bussmann** equivalents), the code can be broken down as follows: * **M6 / SWVS**: Refers to the physical body size and the specific series architecture (e.g., Square Wire Vertical Structure or similar proprietary design). * **5A**: The rated current. The fuse will operate normally at or below 5 Amps; it will "blow" or open the circuit when this threshold is exceeded by a specific margin. * **R/Q**: Usually refers to the packaging method. 'R' typically stands for **Reel**, and 'Q' can indicate a specific quantity per reel or a halogen-free/RoHS compliance standard. --- ### 3. Key Electronic Functions 1. **Overcurrent Protection**: Its primary role is to act as a "sacrificial" link. If a short circuit or power surge occurs, the internal element melts, breaking the circuit and preventing damage to downstream components like microprocessors or FETs. 2. **Low Resistance**: These fuses are engineered to have very low DCR (DC Resistance) to minimize voltage drops and heat generation during normal operation. 3. **Space Efficiency**: The SMD design allows it to be placed directly on a PCB using automated pick-and-place machinery, saving significant space compared to traditional glass tube fuses. --- ### 4. Common Applications * **Laptops and Tablets**: Protection for battery charging circuits. * **LCD/LED Monitors**: Protecting the inverter and backlight power supply. * **Industrial Controllers**: Safeguarding I/O ports and internal logic power rails. * **Automotive Electronics**: Use in infotainment systems and sensors.
    ✨ Follow-up Questions
    • ⤷ What is the exact interrupt rating (breaking capacity) for this fuse?
    • ⤷ Are there specific temperature derating curves to consider for the M6SWVS series?
    • ⤷ Is this fuse classified as fast-acting or time-delay (slow-blow)?