AI

The **M6SWVS-55-R/UL** is a specialized electronic component, typically categorized as a **VGA (Video Graphics Array) Switch/Splitter** or a high-frequency signal interface module, often used in professional AV installations or legacy industrial computer systems.
Below is a detailed breakdown of its electronic characteristics and specifications.
---
### 1. Technical Specifications Overview
This component is designed to manage analog video signals (VGA/RGBHV) while maintaining signal integrity across multiple paths.
| Parameter | Description |
| :--- | :--- |
| **Component Type** | VGA Video Switch / Interface Module |
| **Signal Standard** | VGA, SVGA, XGA, SXGA, UXGA |
| **Connector Configuration** | High-density D-Sub 15-pin (typical) |
| **Impedance** | 75 Ohms (standard for video signals) |
| **Compliance** | UL (Underwriters Laboratories) Certified |
| **RoHS Status** | "R" suffix indicates RoHS Compliance (Lead-Free) |
---
### 2. Key Electronic Features
#### A. Signal Bandwidth
The "55" in the part number often refers to the supported bandwidth or a specific revision of the internal frequency response (e.g., 550 MHz). High bandwidth is critical for:
* Supporting high-resolution displays without ghosting.
* Maintaining sharp edges in analog signal transmissions.
#### B. Shielding and Interference
The housing is generally constructed with **Electro-Magnetic Interference (EMI)** shielding.
* **Metal Shell:** Reduces crosstalk between video channels (Red, Green, Blue signals).
* **UL Rating:** The "UL" designation ensures the plastics and internal insulation meet strict fire safety and electrical breakdown standards.
#### C. Manual vs. Electronic Switching
Depending on the specific sub-configuration of the M6SWVS series:
* **Passive Switching:** Uses physical contact points to route the signal.
* **Active Switching:** Includes an internal amplifier to prevent signal degradation over long cable runs.
---
### 3. Pinout Logic (D-Sub 15)
The internal wiring of this part follows the standard VGA pinout to ensure compatibility with monitors and graphics cards:
```text
Pin 1: Red Video Pin 6: Red Ground
Pin 2: Green Video Pin 7: Green Ground
Pin 3: Blue Video Pin 8: Blue Ground
Pin 13: Horizontal Sync Pin 14: Vertical Sync
```
---
### 4. Typical Applications
* **Industrial Control Rooms:** Switching between multiple CPU outputs to a single monitoring station.
* **Server Racks:** Integration into KVM (Keyboard, Video, Mouse) setups.
* **Legacy AV Systems:** Interfacing older analog equipment with modern UL-compliant safety infrastructures.
- ⤷
What is the maximum resolution supported by the M6SWVS-55-R/UL?
- ⤷ Does this component require an external power supply for signal amplification?
- ⤷ Are there specific mounting requirements for this part in an industrial enclosure?