M6SWVS-4D-R/UL
AI

The **M6SWVS-4D-R/UL** is a specialized high-performance cooling fan component, typically manufactured by **Nidec (Servo)**. It is widely used in industrial equipment, servers, and power supplies where high reliability and specific airflow characteristics are required.
Below is a detailed breakdown of its electronic and mechanical specifications.
---
### 1. Key Technical Specifications
| Parameter | Specification |
| :--- | :--- |
| **Manufacturer** | Nidec / Nidec Servo |
| **Type** | DC Axial Fan |
| **Voltage (Rated)** | 12V DC (Standard for the series) |
| **Dimensions** | 60mm x 60mm x 25mm (Standard 6025 frame) |
| **Bearing Type** | Dual Ball Bearing (for long life) |
| **Safety Certification** | UL (Underwriters Laboratories) Recognized |
| **Termination** | Wire Leads (usually 4-wire for PWM/Tach) |
---
### 2. Electronic Components & Signal Interface
The "4D" in the model name often refers to the **4-wire configuration**, which provides advanced control capabilities beyond basic power and ground.
#### Wiring Pinout (Standard Industry Colors):
* **Red (+):** Positive Power Supply (VDC).
* **Black (-):** Ground (GND).
* **Yellow (Tachometer):** Also known as the "Frequency Generator" (FG) signal. It outputs a square wave proportional to the fan speed, allowing the system to monitor if the fan is spinning or stalled.
* **Blue (PWM):** Pulse Width Modulation input. This allows the motherboard or controller to adjust the fan speed dynamically (0-100% duty cycle) to balance cooling needs and noise.
---
### 3. Electronic Protection Features
This specific part includes several integrated electronic safeguards within its internal PCB:
1. **Polarity Protection:** Prevents damage if the positive and negative leads are accidentally reversed during installation.
2. **Locked Rotor Protection:** If the fan blades are physically obstructed, the electronics will automatically cut power to the motor coils to prevent overheating/burnout, then attempt to restart periodically.
3. **Soft Start:** Reduces the initial current inrush when the device powers on, protecting the power supply rails from sudden voltage drops.
---
### 4. Application Use Cases
Because of the **UL certification** and **Ball Bearing** design, this part is chosen for:
* **Networking Gear:** Routers and switches requiring 24/7 operation.
* **Medical Equipment:** Devices needing high MTBF (Mean Time Between Failures).
* **Industrial Power Supplies:** High-density power converters that generate significant heat.
---
- ⤷
What is the maximum CFM (airflow) rating for the M6SWVS series?
- ⤷ How does the PWM signal duty cycle affect the RPM of this specific fan?
- ⤷ Are there waterproof (IP-rated) versions of the M6SWVS-4D-R/UL?