công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • M6SWVS-3A-R/K

  • AI
    The **M6SWVS-3A-R/K** is a specific model within the realm of industrial instrumentation, typically associated with signal conditioners or transmitters (often manufactured by companies like **M-System**). This device is designed to convert and isolate analog signals for industrial automation and control systems. --- ## Technical Overview The "M6S" series generally refers to ultra-slim signal conditioners. Below is a breakdown of the electronic specifications and characteristics associated with this part number. ### 1. Model Breakdown (Typical Nomenclature) | Segment | Meaning | Details | | :--- | :--- | :--- | | **M6S** | Series Identifier | Ultra-slim (5.9mm wide) signal conditioner. | | **WVS** | Function Type | Dual Output Isolator / Signal Splitter. | | **3** | Input Type | Typically DC Voltage/Current (e.g., 0–10V or 4–20mA). | | **A** | Output 1 | Standard DC output (often 4–20mA). | | **R / K** | Power & Style | **R**: 24V DC power / **K**: High-density mounting style. | --- ## Key Electronic Components & Features ### Signal Isolation The device utilizes **galvanic isolation** (typically 3-way isolation: Input to Output to Power). This is achieved using: * **Optocouplers/Transformers:** To prevent ground loops and protect sensitive PLC inputs from high-voltage surges. * **Operational Amplifiers (Op-Amps):** For high-precision signal scaling and linear output. ### Performance Specifications | Parameter | Value (Standard) | | :--- | :--- | | **Accuracy** | ±0.1% of span | | **Response Time** | $\leq$ 0.5 seconds (standard) | | **Isolation Resistance** | 100 MΩ or more (at 500V DC) | | **Dielectric Strength** | 2000V AC @ 1 minute | | **Operating Power** | 24V DC (±10%) | --- ## Physical and Connection Characteristics ### Form Factor * **Width:** 5.9 mm (approx. 0.23 inches). * **Mounting:** Standard DIN rail (35mm). * **Wiring:** Euro-style tension clamp or screw terminals. ### Applications 1. **Signal Splitting:** Taking one sensor input (like a temperature transmitter) and sending it to two separate devices (e.g., a local display and a remote PLC). 2. **Impedance Matching:** Converting a high-impedance voltage signal to a low-impedance current loop. 3. **Noise Mitigation:** Filtering out EMI/RFI interference in long-distance signal transmission. --- ## Comparison Table: M6S vs. Standard Isolators | Feature | M6S Series | Standard Isolator | | :--- | :--- | :--- | | **Density** | High (5.9mm width) | Low (12.5mm - 25mm width) | | **Power Bus** | Often supports DIN rail power bus | Manual wiring for each unit | | **Calibration** | Front-facing Zero/Span trims | Internal potentiometers | ---
    ✨ Follow-up Questions
    • ⤷What is the exact input/output signal range for the -3A-R configuration?
    • ⤷ How does the power bus system work for the M6S series?
    • ⤷ Can this module be used in hazardous (Ex) environments?