AI

The **M6SWVS-36-R/UL** is a specialized high-power sliding switch typically manufactured by companies like **CW Industries**. This component is designed for industrial, appliance, and heavy-duty electronics where high voltage and current ratings are required.
---
### 1. Technical Specifications
The part number indicates specific characteristics regarding its build and electrical capabilities:
| Feature | Specification |
| :--- | :--- |
| **Switch Type** | Slide Switch |
| **Circuitry** | SPST (Single Pole Single Throw) or SPDT (Single Pole Double Throw) *|
| **Current Rating** | High Amperage (Typically 13A to 16A) |
| **Voltage Rating** | 125V / 250V AC |
| **Certifications** | UL Recognized (Underwriters Laboratories) |
| **Actuator Style** | Vertical Slide |
| **Mounting Type** | Panel Mount (typically via screws) |
*\*Note: Specific pole configuration can vary based on the sub-series, but the '36' often refers to the mechanical mounting frame size.*
---
### 2. Breakdown of the Part Number
* **M6:** Refers to the series designator, often indicating the physical frame size and heavy-duty build.
* **SW:** Stands for **Switch**.
* **VS:** Indicates **Vertical Slide**, referring to the orientation of the actuator relative to the mounting surface.
* **36:** Internal code for contact material or physical dimensions (often 36mm spacing or specific terminal types).
* **R:** Usually indicates **RoHS Compliance** (Restriction of Hazardous Substances).
* **UL:** Indicates that the component is **UL Recognized**, meaning it meets safety standards for use in the US and Canada.
---
### 3. Physical Construction
The electronic parts within this assembly include:
* **Contacts:** Usually made of silver-plated copper or copper alloy to minimize resistance and heat during high current flow.
* **Terminals:** Typically **0.250" Quick Connect (Solder/Plug)** tabs, allowing for easy wiring without specialized PCBs.
* **Housing:** Made of high-temperature thermoplastic (Phenolic or Nylon) to prevent melting during electrical arcing or heavy loads.
* **Internal Spring:** A detent mechanism that provides the "snap" feel, ensuring the contacts are either fully open or fully closed to prevent arcing.
---
### 4. Common Applications
Due to its UL rating and high current capacity, this switch is found in:
1. **Industrial Equipment:** Power supply selectors or main power toggles.
2. **Home Appliances:** High-heat hair dryers, space heaters, and kitchen appliances.
3. **Consumer Electronics:** Large power tools and vacuum cleaners.
---
- ⤷
What are the exact physical dimensions for the panel cutout of the M6SWVS-36-R/UL?
- ⤷ Does this switch come in a 'Momentary' configuration or only 'Maintained'?
- ⤷ What is the maximum operating temperature for the thermoplastic housing?