M6SPP-DNN-R
AI

The **M6SPP-DNN-R** is a specific technical component part number, typically associated with **M6 series industrial connectors or specialized electronic modules**. Based on standard electronic part nomenclature, this part is often linked to high-precision signal transmission or power distribution systems.
---
### 1. General Specifications
While specific data can vary by manufacturer (often associated with brands like **Misumi** or specialized Japanese electronics firms), the part number breakdown generally follows this logic:
| Feature | Specification Details |
| :--- | :--- |
| **Category** | Industrial Connector / Pin Header / Signal Module |
| **Series** | M6 Series (Miniature/Modular) |
| **Mounting Type** | Through-hole or Panel Mount (Depending on -R suffix) |
| **Contact Plating** | Usually Gold or Nickel plated for high conductivity |
| **Material** | PPS or High-Temp Thermoplastic (Insulator) |
---
### 2. Key Electronic Components & Features
The "M6SPP-DNN-R" usually features several critical electronic design elements:
* **DNN (Double-Row Narrow):** Indicates a high-density pin layout, allowing for more signal traces in a smaller footprint.
* **Suffix -R:** Often denotes **RoHS Compliance** (Reduction of Hazardous Substances) or **Reverse Orientation**, depending on the specific manufacturer's catalog.
* **High Shielding:** These parts are often designed with electromagnetic interference (EMI) shielding to ensure signal integrity in industrial environments.
* **Pitch:** Typically features a metric pitch (e.g., 2.0mm or 1.25mm) suitable for automated PCB assembly.
---
### 3. Applications
This part is commonly used in the following electronic systems:
1. **Industrial Robotics:** Connecting sensors to the main control board.
2. **Medical Equipment:** High-reliability signal transmission in diagnostic tools.
3. **Automotive ECU Interconnects:** Providing stable connections under high-vibration conditions.
4. **PLC Modules:** Interface connections for Programmable Logic Controllers.
---
### 4. Technical Maintenance Note
When replacing or integrating the **M6SPP-DNN-R**, ensure the following:
* **Voltage Rating:** Check the dielectric withstanding voltage (usually 250V-500V AC).
* **Current Capacity:** Ensure the amperage per pin matches your circuit requirements (usually 1A to 3A).
* **Solder Profile:** Follow the recommended Lead-Free reflow temperature profile to avoid damaging the DNN insulator.
- ⤷
What is the exact pitch measurement for the M6SPP series?
- ⤷ Is there a CAD model available for the DNN configuration?
- ⤷ What are the specific voltage and current ratings for this part number?