công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • M6SPP-DA2N-R/Q

  • AI
    The **M6SPP-DA2N-R/Q** is a high-precision, slim-type isolated signal conditioner (transducer) manufactured by **M-System**. It is part of the M6S series, designed for space-saving installations on DIN rails. --- ## 1. Functional Specification The primary purpose of this component is to accept a DC voltage or current signal, provide galvanic isolation, and output a proportional DC signal to a PLC, DCS, or controller. ### Key Technical Details | Feature | Specification | | :--- | :--- | | **Model Series** | M6S Series (Ultra-slim 5.9 mm width) | | **Input Signal** | 4 – 20 mA DC | | **Output Signal** | 4 – 20 mA DC | | **Power Input** | 24V DC | | **Configuration** | PC programmable (using M-System software) | | **Isolation** | 3-way isolation (Input to Output to Power) | | **Response Time** | $\leq$ 0.5 seconds (0 – 90%) | --- ## 2. Part Number Breakdown To understand the electronic capabilities, we can decode the suffix codes: | Code Segment | Description | | :--- | :--- | | **M6S** | Series designation (Ultra-slim housing) | | **PP** | PC Programmable type | | **DA2** | Input/Output Signal Type (Standard DC ranges) | | **N** | No power supply for the input loop (Passive input) | | **R** | Power Supply: 24V DC | | **Q** | Quality/Options (Specific certification or coating) | --- ## 3. Electronic Architecture The device utilizes a sophisticated internal circuit to ensure signal integrity: ### A. Signal Isolation It uses **3-way isolation**. This prevents ground loops and protects sensitive control equipment from high-voltage surges or electrical noise originating at the field sensor. * **Input-to-Output:** 2000V AC for 1 minute. * **Input-to-Power:** 2000V AC for 1 minute. ### B. Microprocessor Control Unlike simple analog isolators, the "PP" designation indicates a **Microprocessor-based** design. This allows for: * **Linearization:** Correcting non-linear signals. * **Scaling:** Adjusting the relationship between input and output via PC software. * **High Accuracy:** Typically $\pm$0.1% of span. ### C. Physical Construction * **Housing:** Flame-resistant resin (Polycarbonate). * **Mounting:** Standard DIN rail. * **Connectivity:** Tension clamp or screw terminals (depending on the specific sub-variant). --- ## 4. Typical Application This part is commonly found in industrial environments such as: 1. **Ground Loop Elimination:** When the sensor and the PLC have different ground potentials. 2. **Signal Boosting:** Sending a 4-20mA signal over a long distance where voltage drop is a concern. 3. **Equipment Protection:** Acts as a "fuse" for signal paths to protect expensive CPU modules.
    ✨ Follow-up Questions
    • ⤷ What software is required to program the scaling on the M6SPP series?
    • ⤷ What are the specific wiring differences between the 'N' and 'S' power models?
    • ⤷ Can this module be used with a 2-wire transmitter that requires loop power?