công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • M6SBS-08SLASHQ-R

  • AI
    Based on the part number **M6SBS-08SLASHQ-R**, this component belongs to a specific category of industrial fasteners, likely from a manufacturer like **MISUMI** or a similar precision hardware provider. Below is a detailed breakdown of the electronic and mechanical specifications associated with this type of part. --- ### 1. Part Number Deciphering The alphanumeric string identifies the material, thread type, length, and specific features: | Segment | Description | Typical Specification | | :--- | :--- | :--- | | **M6** | **Thread Diameter** | Metric 6mm thread. | | **SBS** | **Head Type** | Button Head Socket Cap (Hex Drive). | | **08** | **Length** | 8mm total shaft/thread length. | | **S** | **Material** | Often denotes Stainless Steel (e.g., SUS304 or 316). | | **LASHQ** | **Special Coating** | Likely a specialized low-friction or vacuum-compatible coating. | | **-R** | **Packaging** | Often indicates "Reel" or "Bulk" packaging for automated assembly. | --- ### 2. Applications in Electronics While this is a mechanical fastener, its "Electronic Parts" context usually refers to its role in **Electronic Hardware Integration**: * **PCB Mounting:** Used to secure Printed Circuit Boards (PCBs) to a metal chassis where M6 clearance holes exist. * **Thermal Management:** These screws often secure heat sinks to power modules, requiring high torque to ensure thermal interface material (TIM) compression. * **ESD Grounding:** If made of stainless steel without insulating coatings, these provide a conductive path for grounding an enclosure to the PCB ground plane. * **Precision Robotics:** Often found in the assembly of sensors, actuators, and electronic housing due to the low profile of the "Button Head." --- ### 3. Technical Specifications | Feature | Details | | :--- | :--- | | **Drive System** | Hex Socket (Internal Hex) | | **Thread Pitch** | Standard Metric (1.0mm for M6) | | **Conductivity** | High (if Stainless Steel/Uncoated) | | **Corrosion Resistance** | High (Passivated or specialized coating) | | **Tensile Strength** | Typically 500-700 N/mm² depending on grade | --- ### 4. Why the "LASHQ" Suffix Matters In specialized electronics (like semiconductor manufacturing or aerospace), standard screws can cause issues. The "LASHQ" designation often implies: 1. **Low Outgassing:** Safe for use in vacuum chambers or sensitive optical electronics. 2. **Anti-Galling:** A coating that prevents the screw from "freezing" or welding itself to the threaded hole during high-speed automated assembly. 3. **Cleanroom Compliance:** Cleaned and packaged to avoid particle contamination on sensitive electronic components. ---
    ✨ Follow-up Questions
    • ⤷ What is the torque specification for an M6 stainless steel button head screw?
    • ⤷ How does the 'LASHQ' coating affect electrical conductivity?
    • ⤷ Are there specific CAD models available for this part number?