công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • M6NXT-8V2-R

  • AI
    The **M6NXT-8V2-R** is a specialized high-density power module, typically identified as an **8-Phase Voltage Regulator Module (VRM)** used in enterprise computing, server motherboards, and high-performance GPU environments. --- ### ## Technical Specifications Overview This component is designed to manage high-current power delivery from a primary DC source (usually 12V) to low-voltage components like CPUs or ASICs. | Feature | Description | | :--- | :--- | | **Phase Count** | 8-Phase Synchronous Buck Configuration | | **Input Voltage** | Typical 12V DC (Nominal) | | **Output Voltage** | Adjustable (usually 0.8V to 1.8V) | | **Cooling** | Integrated Heat Spreader / Low Thermal Resistance | | **Mounting** | Surface Mount Technology (SMT) | | **Standard** | RoHS Compliant | --- ### ### Core Electronic Components The "V2-R" variant indicates a specific revision optimized for efficiency and ripple reduction. It consists of several integrated sub-parts: 1. **Integrated Power Stages (DrMOS):** Combining the High-side MOSFET, Low-side MOSFET, and the Driver into a single package to reduce parasitic inductance. 2. **High-Frequency Inductors (Chokes):** These parts store energy and smooth out the current. In an 8-phase system, these are often high-permeability ferrite cores designed for high saturation current. 3. **Digital PWM Controller:** The "brain" of the module that uses Pulse Width Modulation to switch the phases on and off. It balances the load across all 8 phases to ensure no single part overheats. 4. **Polymer/Ceramic Capacitors:** Used for filtering input and output noise. These ensure the voltage delivered to the processor is stable even during massive current spikes (transients). --- ### ### Typical Application Circuit The module follows a multi-phase buck converter topology. Below is a simplified representation of the logic flow: ```mermaid graph LR A[12V DC Input] --> B[PWM Controller] B --> C[8x Power Phases] C --> D[LC Filter / Inductors] D --> E[Low Voltage Output / CPU] ``` ### ### Key Advantages * **High Efficiency:** By splitting the current into 8 phases, the thermal load is distributed, leading to higher conversion efficiency (>90%). * **Transient Response:** Multi-phase modules can react faster to sudden changes in power demand from the CPU/GPU. * **Space Saving:** The integrated nature of the M6NXT series allows for more compact PCB designs compared to discrete MOSFET layouts. ---
    ✨ Follow-up Questions
    • ⤷What is the maximum current rating for the M6NXT-8V2-R?
    • ⤷ Which specific server platforms or GPUs use this power module?
    • ⤷ What are the common failure symptoms for an 8-phase VRM like this?