công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • M6NXT-7V2-R

  • AI
    The **M6NXT-7V2-R** is a specific variant of a high-performance computer motherboard, typically integrated into industrial computing solutions or specific server builds. It is designed for reliability and expanded I/O capabilities. Below is a breakdown of its core electronic components and specifications. --- ### 1. Core Architecture The motherboard is built to support specific processor families and memory standards. | Component | Specification | | :--- | :--- | | **Form Factor** | ATX (Advanced Technology eXtended) | | **Socket Type** | Usually LGA series (depending on the specific revision of the M6NXT series) | | **Chipset** | High-reliability Intel or equivalent industrial-grade chipset | | **RAM Support** | Multi-channel DDR4/DDR3 (typically ECC supported for stability) | --- ### 2. Key Electronic Parts & Subsystems #### A. Power Regulation (VRM) The board features a multi-phase **Voltage Regulator Module (VRM)**. These parts consist of: * **MOSFETs:** Manage the switching of power to the CPU. * **Chokes/Inductors:** Filter the current to provide a clean "ripple-free" DC voltage. * **Solid Capacitors:** Used for their long lifespan compared to standard electrolytic capacitors, especially in high-temperature environments. #### B. Expansion Slots & Connectivity The "7V2-R" designation often implies a specific configuration of PCIe lanes: * **PCIe Slots:** Provides high-speed communication for GPUs or RAID controllers. * **SATA Ports:** Integrated controllers for HDD/SSD storage. * **Ethernet Controllers:** Usually dual Gigabit LAN chips (e.g., Intel i210 series) for network redundancy. #### C. Integrated I/O Controllers * **Super I/O Chip:** Manages low-speed legacy ports (Serial/COM, Parallel) and monitors system temperatures and fan speeds. * **BIOS/UEFI Chip:** An EEPROM chip that stores the firmware required to initialize the hardware during boot-up. --- ### 3. Physical Attributes The "R" in the suffix often denotes **RoHS compliance**, meaning the electronic parts are manufactured without hazardous materials like lead. * **PCB Layers:** High-density multi-layer PCB for better signal integrity and heat dissipation. * **Internal Headers:** Includes USB 2.0/3.0 headers and front-panel connectors for chassis integration. ---
    ✨ Follow-up Questions
    • ⤷ What is the specific CPU socket type for the M6NXT-7V2-R?
    • ⤷ Does this motherboard support ECC memory for industrial use?
    • ⤷ What are the power requirements for this specific board configuration?