M6NXAP-Z1P-R
AI

The **M6NXAP-Z1P-R** is a specific part number belonging to a series of **DC-DC Converter Modules** (typically POL - Point of Load converters). These components are designed to regulate voltage efficiently for high-performance computing components like FPGAs, DSPs, and ASICs.
---
## 1. Technical Specifications
The M6NXAP-Z1P-R is characterized by its compact form factor and high power density. Below are the typical technical parameters for this class of module:
| Feature | Specification (Typical) |
| :--- | :--- |
| **Component Type** | Non-isolated DC-DC Step-Down (Buck) Converter |
| **Input Voltage Range** | 4.5V to 14V DC |
| **Output Voltage** | 0.6V to 5.0V (Adjustable) |
| **Current Rating** | ~6A to 12A (Depending on thermal management) |
| **Efficiency** | Up to 95% |
| **Mounting Type** | Surface Mount (SMD/SMT) |
| **Package Style** | LGA (Land Grid Array) or QFN |
---
## 2. Key Electronic Features
* **Integrated Inductor:** This is a "Power Module," meaning the inductor, MOSFETs, and controller are integrated into a single package to save PCB space and reduce EMI.
* **High Switching Frequency:** Allows for the use of smaller external capacitors.
* **Protection Circuitry:**
* **OCP:** Over-Current Protection.
* **OTP:** Over-Temperature Protection.
* **UVLO:** Under-Voltage Lock-Out.
* **Remote Sensing:** Supports accurate voltage regulation by sensing the voltage directly at the load.
---
## 3. Pin Functionality
While specific pinouts depend on the manufacturer (often associated with brands like Delta or Murata in this naming convention), the primary functional blocks are:
1. **VIN / GND:** Power input pins.
2. **VOUT:** Regulated power output.
3. **TRIM:** Used to set the output voltage via an external resistor.
4. **PGOOD:** Power Good signal to indicate the output is within regulation.
5. **ENABLE/ON-OFF:** Logic pin to turn the module on or off.
---
## 4. Typical Applications
* **Telecommunications:** Base stations and networking switches.
* **Industrial:** High-end PLC (Programmable Logic Controllers).
* **Computing:** Server motherboards and data storage arrays.
- ⤷
What is the exact manufacturer for the M6NXAP-Z1P-R part?
- ⤷ How do I calculate the external resistor value for a specific output voltage?
- ⤷ What are the thermal considerations for mounting this SMD module?