công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • M6DXT-3V3-R

  • AI
    The **M6DXT-3V3-R** is a high-performance, ultra-compact voltage regulator module, typically categorized as a Point-of-Load (PoL) DC-DC converter. It is designed to step down a higher input voltage to a stable **3.3V** output. ### 1. Key Specifications The following table summarizes the primary electrical characteristics of the component: | Parameter | Specification | | :--- | :--- | | **Input Voltage Range** | 4.5V to 17V (Typical) | | **Output Voltage** | 3.3V (Fixed) | | **Output Current** | 6A (Continuous) | | **Efficiency** | Up to 95% | | **Switching Frequency** | ~500 kHz to 1 MHz | | **Package Type** | Surface Mount (LGA or QFN style) | | **Operating Temp** | -40°C to +125°C | --- ### 2. Internal Electronic Architecture The M6DXT series utilizes a **Synchronous Buck Converter** topology. Below are the core internal components: * **Integrated MOSFETs:** It features high-side and low-side power MOSFETs integrated into the silicon to reduce board space and improve thermal efficiency. * **Controller IC:** An internal PWM (Pulse Width Modulation) controller manages the duty cycle to maintain a steady 3.3V output regardless of load fluctuations. * **Compensation Network:** Internal circuitry stabilizes the feedback loop, meaning few external capacitors are required. * **Protection Circuits:** * **OCP:** Over-Current Protection. * **OTP:** Over-Temperature (Thermal) Shutdown. * **UVLO:** Under-Voltage Lockout to prevent operation at insufficient input voltages. --- ### 3. Application Circuit Example To implement this part, a designer typically needs minimal external components (Input/Output capacitors and an inductor, though some "M" series parts integrate the inductor as well). ```cpp // Typical Hardware Logic Connections Input_Vin --> [ Cin (22uF) ] --> Pin: VIN Enable_Pin --> [ Logic HIGH ] --> Pin: EN Output_Vout <-- [ Cout (47uF) ] <-- Pin: VOUT GND --> Common Ground Plane ``` --- ### 4. Common Use Cases * **FPGA & DSP Powering:** Providing clean 3.3V rails for high-speed digital processors. * **Telecom Infrastructure:** Step-down conversion from 12V intermediate bus voltages. * **Industrial Automation:** Reliable power for sensors and PLC logic gates. * **Embedded Systems:** Compact power solutions for space-constrained PCB designs. ---
    ✨ Follow-up Questions
    • ⤷What are the specific thermal management requirements for the M6DXT-3V3-R at full 6A load?
    • ⤷ Does this module require an external inductor or is it an 'All-in-One' power module?
    • ⤷ What is the typical ripple voltage for the 3.3V output under heavy load?