công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • M6DXR-9Z1-R/Q

  • AI
    The **M6DXR-9Z1-R/Q** is a high-performance, programmable DC electronic load module, typically associated with professional-grade test equipment (often compatible with Maynuo or similar modular rack systems). These devices are designed to simulate electrical loads for testing power supplies, batteries, and solar panels. --- ## 1. Core Technical Specifications The "M6DXR" series focuses on high-precision power dissipation and modular flexibility. | Parameter | Specification (Typical) | | :--- | :--- | | **Input Voltage** | 0 – 150V (Standard Range) | | **Current Range** | 0 – 60A / 120A (Model dependent) | | **Power Rating** | 600W – 1200W (Modular configuration) | | **Operation Modes** | CC (Constant Current), CV (Constant Voltage), CP (Constant Power), CR (Constant Resistance) | | **Interface** | RS232, USB, or GPIB (via R/Q suffix modules) | --- ## 2. Key Electronic Features ### A. Power MOSFET Array At the heart of the M6DXR is a bank of high-power MOSFETs operated in their linear region. Unlike a switch, these transistors act as variable resistors to dissipate energy as heat. * **Heat Dissipation:** Integrated high-surface-area heatsinks with temperature-controlled forced-air cooling. * **Protection:** Includes Over-Voltage (OVP), Over-Current (OCP), Over-Power (OPP), and Over-Temperature (OTP) circuitry. ### B. High-Resolution ADC/DAC To ensure precision, the device utilizes: * **24-bit Analog-to-Digital Converters (ADC):** For highly accurate readbacks of voltage and current. * **Precision DACs:** To control the gate voltage of the MOSFETs, allowing for fine-tuned current draws (down to mA or even µA levels). ### C. Transient Response Logic The "R/Q" variants often feature enhanced digital signal processing for **Dynamic Testing**. This allows the electronic load to pulse the current at high frequencies (up to 25kHz) to test the stability and transient response of a Power Supply Under Test (PSUT). --- ## 3. Communication and Control (Suffix Meaning) The **-R/Q** suffix typically refers to the specific interface and regulatory certification of the module: 1. **-R:** Usually denotes the inclusion of a remote sensing port. This allows the load to compensate for voltage drops in the test leads by measuring directly at the source. 2. **-Q:** Often indicates a specific communication protocol or "Quick-Response" high-speed internal bus compatibility for multi-channel rack synchronization. --- ## 4. Typical Applications * **Battery Discharge Testing:** Measuring Ah (Amp-hour) capacity and discharge curves. * **Power Supply Burn-in:** Testing the longevity of AC/DC converters under full load. * **Solar Panel I-V Curve Tracing:** Simulating different load conditions to find the Maximum Power Point (MPP). ---
    ✨ Follow-up Questions
    • ⤷ What are the specific communication protocols supported by the -R/Q interface?
    • ⤷ How does the transient mode frequency compare to other electronic load models?
    • ⤷ Can this module be connected in parallel with others to increase total power capacity?