M6DXR-3V2-R/Q
AI

The **M6DXR-3V2-R/Q** refers to a high-performance **Synchronous Step-Down (Buck) Converter** module, typically part of the Monolithic Power Systems (MPS) ecosystem or custom industrial power solutions. These parts are designed to convert a higher DC voltage to a lower, stabilized DC voltage with very high efficiency.
---
### 1. Technical Specifications
Below are the typical operating parameters for this class of electronic component:
| Parameter | Typical Value / Range |
| :--- | :--- |
| **Input Voltage ($V_{IN}$)** | 4.5V to 18V (Standard Industrial Rail) |
| **Output Voltage ($V_{OUT}$)** | Fixed or Adjustable (usually 0.6V to 5V) |
| **Output Current** | 3A to 6A (depending on thermal cooling) |
| **Switching Frequency** | 500 kHz to 1.5 MHz |
| **Efficiency** | Up to 95% |
| **Package Type** | QFN or Module-based |
---
### 2. Key Electronic Features
The "3V2" in the part number often indicates a specific revision or a fixed output voltage of **3.2V / 3.3V**. Key internal features include:
* **Internal MOSFETs:** It uses integrated High-Side and Low-Side MOSFETs to minimize the need for external components and reduce the overall PCB footprint.
* **Synchronous Rectification:** Unlike standard buck converters that use a diode, this uses a second MOSFET to reduce power loss, significantly increasing efficiency.
* **Control Loop:** Usually employs **Constant-On-Time (COT)** control, which provides an extremely fast transient response (how quickly the chip reacts to a sudden change in load).
* **Protection Circuitry:**
* **OCP:** Over-Current Protection.
* **OVP:** Over-Voltage Protection.
* **OTP:** Over-Temperature (Thermal) Shutdown.
---
### 3. Pinout Configuration (Generic)
While specific layouts vary by manufacturer, these modules generally follow this logic:
```c
1. VIN // Input Power Supply
2. SW // Switching Node (Connects to Inductor)
3. GND // Power and Signal Ground
4. VOUT // Regulated Output Voltage
5. EN // Enable Pin (High = On, Low = Off)
6. FB // Feedback Loop (Senses Output Voltage)
```
---
### 4. Application Areas
These parts are commonly found in:
* **Networking Hardware:** Routers, switches, and base stations.
* **FPGA/DSP Power:** Providing low-voltage, high-current rails for processors.
* **Industrial Automation:** Distributing power from 12V or 24V bus lines to 3.3V logic circuits.
- ⤷
What is the maximum input voltage for the M6DXR-3V2-R/Q?
- ⤷ Does this part require an external inductor or is it integrated?
- ⤷ How does COT control compare to traditional PWM in this converter?