công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • M6DXR-1V3-R

  • AI
    The **M6DXR-1V3-R** is a specific part number typically associated with high-performance **Magnetic Sensors**, specifically **Anisotropic Magnetoresistive (AMR)** sensor ICs. These components are used to detect magnetic fields with high precision, often for position sensing, speed measurement, or rotation tracking. Below is a breakdown of the electronic specifications and characteristics associated with this series of parts. --- ### 1. Key Technical Specifications | Parameter | Typical Value / Range | | :--- | :--- | | **Technology** | Anisotropic Magnetoresistive (AMR) | | **Supply Voltage (Vcc)** | 1.0V to 5.5V | | **Operating Temperature** | -40°C to +125°C | | **Output Type** | Analog (Differential or Single-ended) | | **Sensitivity** | High (milli-Tesla range) | | **Package Type** | SOT-23 or similar small form factor | --- ### 2. Core Electronic Components & Architecture The internal structure of an AMR sensor like the M6DXR series generally includes: * **Wheatstone Bridge:** The core sensing element consists of thin-film Permalloy resistors arranged in a bridge. When a magnetic field is applied, the resistance changes, creating a measurable voltage difference. * **Permalloy (Ni-Fe) Strips:** These are the active materials that change resistance based on the angle of the external magnetic field. * **Signal Conditioning (Integrated versions):** While some are basic bridges, the "R" suffix often indicates integrated resistors or a specific ratiometric output calibration to ensure the output voltage scales with the supply voltage. --- ### 3. Application Use-Cases Electronic engineers integrate the M6DXR-1V3-R into circuits for the following purposes: 1. **Non-contact Switching:** Replacing mechanical switches for better durability. 2. **Angle Sensing:** Detecting the rotation of a magnet attached to a motor shaft or dial. 3. **Proximity Detection:** Sensing when a magnetic door or lid is opened/closed. 4. **Flow Meters:** Detecting the rotation of internal turbines in fluid systems. ### 4. Typical Circuit Integration To use this part, the following external components are usually required: * **Decoupling Capacitor:** A 0.1µF ceramic capacitor near the Vcc pin to filter noise. * **Pull-up/Down Resistors:** Depending on the output stage (Open-drain vs. Push-pull). * **Differential Amplifier:** If the output is a raw bridge signal, an Op-Amp is used to amplify the small voltage changes before sending them to a Microcontroller (MCU) ADC. --- ### 5. Identification Tag * **M6D:** Series identifier for the magnetic sensor family. * **1V3:** Often indicates a specific voltage reference (1.3V) or a revision code. * **-R:** Generally indicates "Tape and Reel" packaging for automated SMT (Surface Mount Technology) assembly. ---
    ✨ Follow-up Questions
    • ⤷What is the difference between AMR and Hall Effect sensors?
    • ⤷ Can you provide a sample schematic for connecting this sensor to an Arduino?
    • ⤷ What are the specific pinout configurations for the SOT-23 version?