công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • M6DXF2-S2S1Z1-R

  • AI
    The part number **M6DXF2-S2S1Z1-R** typically corresponds to a high-density, modular connector assembly, often associated with the **Molex** or similar high-speed mezzanine connector series (such as the Mirror Mezz or NeoScale families). These components are designed for high-speed data transmission in networking and server environments. Below is a breakdown of the electronic and structural characteristics of this type of component. --- ### 1. Technical Specifications This part is engineered for high-integrity signaling. The following table outlines the general technical profile for this series: | Feature | Specification | | :--- | :--- | | **Connector Type** | Hermaphroditic / Mezzanine | | **Data Rate** | Up to 56 Gbps / 112 Gbps (PAM4) | | **Contact Interface** | Gold-plated copper alloy | | **Mounting Type** | Surface Mount (SMT) | | **Impedance** | 92 - 100 Ohms (optimized for differential pairs) | | **Pitch** | Fine pitch (typically 0.50mm to 1.50mm) | --- ### 2. Breakdown of the Part Number Components While specific internal manufacturer codes can vary, the alphanumeric segments generally represent the following: * **M6 / DXF:** Refers to the series family (likely **Mirror Mezz**), which uses "stitched" pin technology to ensure signal consistency. * **S2S1:** Indicates the stack height configuration. These connectors are often sold in pairs to achieve specific "Z-axis" spacing between two Parallel Printed Circuit Boards (PCBs). * **Z1:** Usually denotes the pin count or the specific arrangement of differential pairs versus ground pins. * **-R:** Indicates **Tape and Reel** packaging, signifying the part is ready for automated "Pick and Place" assembly machines. --- ### 3. Key Electronic Features * **Hermaphroditic Design:** The connector "mates to itself." This reduces inventory costs because you do not need to buy separate "Male" and "Female" parts; two identical connectors can be flipped and plugged into each other. * **Signal Integrity (SI):** The internal structure uses a "stitched-contact" design. This minimizes crosstalk and provides a very clean path for high-frequency signals used in AI servers and telecommunications. * **Robust Grounding:** The "Z" patterns in the pinout provide dedicated ground paths between signal pairs, preventing electromagnetic interference (EMI). --- ### 4. Typical Applications These parts are found in high-performance hardware where space is limited but data throughput requirements are massive: 1. **AI & Machine Learning:** Connecting GPU clusters to baseboards. 2. **5G Infrastructure:** High-speed backplanes in radio units. 3. **Data Centers:** Connecting line cards to switch fabrics.
    ✨ Follow-up Questions
    • ⤷ What is the exact stack height achieved by the S2S1 configuration?
    • ⤷ Can this connector support 112 Gbps PAM4 signaling?
    • ⤷ What are the footprint requirements for soldering this part onto a PCB?