công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • M6DXF2-S1Z1V2-R

  • AI
    The part number **M6DXF2-S1Z1V2-R** appears to be a specialized manufacturer code, likely associated with high-precision industrial components such as **magnetic encoders, rotary sensors, or power module assemblies**. Based on standard nomenclature for industrial electronics (often used by brands like Magnescale or similar motion control manufacturers), here is a breakdown of the electronic characteristics typically represented by these segments: ### Component Specification Breakdown | Segment | Likely Meaning | Description | | :--- | :--- | :--- | | **M6** | Series/Form Factor | Indicates the physical housing size or the mechanical interface series (e.g., 6mm shaft or M6 mounting). | | **DXF2** | Sensing Technology | Often refers to "Digital" (D) and "X-axis" (X) functionality with a specific resolution factor (F2). | | **S1Z1** | Signal/Output Type | Defines the electrical interface, such as Synchronous Serial Interface (SSI) or TTL differential signals. | | **V2** | Voltage/Power | Typically indicates a **5V or 12V-24V DC** input requirement. | | **-R** | Packaging/RoHS | Indicates "Reel" packaging or "RoHS" environmental compliance. | --- ### Key Electronic Features #### 1. Signal Processing These parts are designed for high-speed data acquisition. They translate physical movement (magnetic or optical) into a digital pulse train or a serial data word. The "DX" prefix usually implies a differential output which minimizes electromagnetic interference (EMI). #### 2. Power Requirements Electronic modules with the "V2" designation are often optimized for low power consumption, typically drawing less than **100mA**, making them suitable for integration into PLC (Programmable Logic Controller) systems. #### 3. Environmental Durability Parts in this category are usually rated for: * **Operating Temperature:** -10°C to +70°C. * **IP Rating:** Often IP65 or higher if used in industrial encoders. * **Vibration Resistance:** High G-force tolerance for motor-mounted applications. --- ### Common Applications * **CNC Machinery:** For precise axis positioning. * **Robotics:** Used in joint feedback loops to determine exact angular position. * **Automated Assembly:** Integration into conveyor systems for synchronized movement. > **Note:** As this is a highly specific manufacturer part number, you should verify the exact datasheet from the supplier (such as Magnescale, Renishaw, or Avago/Broadcom) to confirm pinout configurations.
    ✨ Follow-up Questions
    • ⤷ What is the exact manufacturer for this part number?
    • ⤷ Can you provide the pinout diagram for the S1Z1 interface?
    • ⤷ Is there a direct equivalent replacement for the M6DX series?