M6DXF1-Z1V2-R
AI

The part number **M6DXF1-Z1V2-R** typically corresponds to a high-speed, high-density **SFP (Small Form-factor Pluggable) or Direct Attach Copper (DAC)** cable assembly or connector module used in networking hardware. These components are critical for data center infrastructure and high-speed telecommunications.
---
### 1. Technical Specifications Overview
Based on standard industry nomenclature for this series, here is a breakdown of the electronic characteristics:
| Feature | Specification Details |
| :--- | :--- |
| **Interface Type** | SFP+ / SFP28 (Depends on specific OEM configuration) |
| **Data Rate** | Typically supports 10Gbps to 25Gbps per channel |
| **Signal Type** | Differential Signaling (LVDS/CML) |
| **Impedance** | 100 Ohms (Standard for high-speed differential pairs) |
| **Housing Material** | Zinc Die-cast (for EMI shielding and grounding) |
| **Contact Plating** | Gold over Nickel (to prevent oxidation and ensure conductivity) |
---
### 2. Component Breakdown
The part is composed of several key sub-elements that define its electronic performance:
#### A. Printed Circuit Board (PCB) Interface
The internal "paddle card" handles the transition from the high-speed copper wires to the gold-finger contacts. This PCB is designed with:
* **Low-loss Dielectrics:** To maintain signal integrity at frequencies above 10 GHz.
* **Controlled Impedance Traces:** To minimize signal reflections (Return Loss).
#### B. EEPROM / Identification Chip
Most "V2" or "R" variants include a small integrated circuit (EEPROM). This chip stores:
* Vendor ID and Serial Number.
* Power requirements.
* Supported protocols (Ethernet, Fibre Channel, etc.).
* Checksums for hardware compatibility with switches (Cisco, Arista, Juniper).
#### C. EMI Shielding (Mechanical-Electronic Hybrid)
The metal casing acts as a Faraday cage. This is essential for:
* **Reducing Crosstalk:** Preventing noise between adjacent ports.
* **Electromagnetic Compatibility (EMC):** Ensuring the high-speed signals do not interfere with other electronic devices in the rack.
---
### 3. Typical Pinout Configuration
High-speed modules like the M6DXF1 follow the SFF-8431 standard. Below is the simplified pin logic for the electrical interface:
```markdown
1. VeeT - Transmitter Ground
2. TX_Fault - Module Transmitter Fault
3. TX_Disable - Transmitter Disable
4. SDA - 2-wire Serial Interface Data Line
5. SCL - 2-wire Serial Interface Clock
6. Mod_ABS - Module Absent (Grounded in module)
7. RS0 - Rate Select 0
8. RX_LOS - Receiver Loss of Signal Indicator
9. RS1 - Rate Select 1
10. VeeR - Receiver Ground
```
---
### 4. Applications
* **Top-of-Rack (ToR) Switching:** Connecting servers to management switches.
* **Storage Area Networks (SAN):** High-speed data transfer between controllers and disk arrays.
* **Enterprise Core Networking:** High-bandwidth uplinks within a data center environment.
- ⤷What is the maximum cable length supported by this specific model?
- ⤷ Is this part compatible with Cisco or Arista networking equipment?
- ⤷ Does this component support the SFP28 25Gbps standard?