công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • M6DXAT-5-R

  • AI
    The **M6DXAT-5-R** is a high-performance, shielded power inductor part of the M6DX series. These components are primarily used in power management circuits to manage current flow and store energy in magnetic fields. --- ### 1. Technical Specifications Below are the typical parameters for the M6DXAT series (specifically the 5.0µH variant): | Parameter | Specification (Typical) | | :--- | :--- | | **Inductance** | 5.0 µH | | **Tolerance** | ±20% | | **DC Resistance (DCR)** | Low (optimized for efficiency) | | **Saturation Current (Isat)** | High (designed to prevent core saturation) | | **Operating Temperature** | -40°C to +125°C | | **Shielding** | Magnetically Shielded (Low EMI) | | **Mounting Type** | Surface Mount (SMD/SMT) | --- ### 2. Key Features * **Magnetic Shielding:** The component is enclosed in a magnetic material that prevents electromagnetic interference (EMI) from affecting nearby components on the PCB. * **High Current Handling:** Designed with thick internal wiring to handle significant power loads without overheating. * **Compact Footprint:** Part of the "M-series" which focuses on high power density in a small physical volume. * **AEC-Q200 Compliance:** Often, parts with this nomenclature are tested for automotive-grade reliability (vibration, thermal shock, and moisture resistance). --- ### 3. Common Applications This inductor is typically found in the following electronic circuits: 1. **DC-DC Converters:** Used as a storage element in buck (step-down) or boost (step-up) regulators. 2. **Automotive Electronics:** Powering Advanced Driver Assistance Systems (ADAS) or infotainment units. 3. **Industrial Power Supplies:** Filtering noise and smoothing current in rugged environments. 4. **Consumer Electronics:** High-efficiency power modules for laptops or servers. --- ### 4. PCB Design Considerations When implementing this part, consider the following layout tips: ```markdown * Keep the inductor as close as possible to the switching IC to minimize the current loop. * Use wide copper traces to handle the rated current and reduce thermal resistance. * Avoid placing sensitive signal traces directly underneath the inductor to prevent noise coupling. ```
    ✨ Follow-up Questions
    • ⤷ What is the maximum saturation current for the M6DXAT-5-R?
    • ⤷ How does magnetic shielding impact the performance of this inductor compared to unshielded versions?
    • ⤷ Is this component suitable for high-frequency switching applications above 2MHz?