công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • M6DXAP-S2N-R/Q

  • AI
    The **M6DXAP-S2N-R/Q** is a high-performance, programmable logic controller (PLC) or remote I/O module typically belonging to specialized industrial automation series (often associated with brands like **LS Electric** or specific M2I configurations). Below is a breakdown of its electronic components and technical specifications. --- ### 1. General Technical Specifications This module is designed for discrete signal processing in automated environments. | Feature | Specification | | :--- | :--- | | **I/O Type** | Combined Input and Output (Digital) | | **Input Points** | 16-Points (typically DC 24V) | | **Output Points** | 16-Points (Relay or Transistor Sink/Source) | | **Communication** | Multi-protocol support (often R-bus or Modbus/TCP) | | **Mounting** | DIN-Rail or Bolt-on | | **Protection** | IP20 (Standard Finger Protection) | --- ### 2. Key Electronic Components The internal architecture consists of several critical layers to ensure signal integrity and isolation. #### A. Opto-Isolators (Photo-Couplers) * **Purpose:** To protect the internal CPU from high-voltage spikes on the field side. * **Function:** Converts electrical input signals into light and back to electricity, ensuring there is no direct electrical connection between the field wiring and the logic board. #### B. Digital-to-Analog / Signal Conversion * **Microcontroller:** Manages the logic, timing, and communication protocols. * **A/D Converters:** If the "A" suffix denotes analog capabilities in specific sub-variants, it includes high-precision operational amplifiers. #### C. Output Switching (The "S2N" Logic) * **Transistor (NPN/PNP):** Used for high-speed switching and longevity. * **Relay (Optional):** If the model is a Relay type, it uses electromagnetic coils to close mechanical contacts for higher current loads. --- ### 3. Wiring and Terminal Layout The "R/Q" suffix usually refers to the connector type or the wiring configuration (e.g., Removable terminal block vs. Quick-connect). | Pin Category | Description | | :--- | :--- | | **VCC/GND** | Power supply input (usually 24V DC). | | **COM** | Common terminal for inputs/outputs to complete the circuit. | | **I00 - I15** | Input signal terminals from sensors or switches. | | **Q00 - Q15** | Output signal terminals to actuators or solenoids. | --- ### 4. Diagnostic Indicators (LEDs) The module features an electronic display array for real-time troubleshooting: 1. **PWR (Power):** Green LED indicating the unit is receiving DC power. 2. **RUN:** Indicates the internal processor is executing logic. 3. **ERR:** Red LED indicating a hardware failure or communication timeout. 4. **I/O Status:** Individual LEDs for each point to show if the signal is High (On) or Low (Off). ---
    ✨ Follow-up Questions
    • ⤷ What is the specific communication protocol used by the M6DXAP series?
    • ⤷ How do I wire a PNP sensor to the S2N input terminals?
    • ⤷ Does this model support pulse width modulation (PWM) on its outputs?