M6DWVS-DAY-R
AI

Based on the part number provided, the **M6DWVS-DAY-R** is a specific configuration of a high-performance **M12 Circular Connector**, typically manufactured by companies like **METZ CONNECT** or similar industrial automation hardware providers.
This component is engineered for industrial Ethernet applications where space is limited and environmental protection is critical.
### 1. Technical Specifications
The "M6" in the series often refers to the mounting or thread style, while the "D" coding indicates its specific application in data transmission.
| Feature | Specification |
| :--- | :--- |
| **Connector Type** | M12 Circular Connector |
| **Coding** | D-Coded (Standard for Industrial Ethernet) |
| **Pins/Poles** | 4-Pole |
| **Orientation** | Right-Angle (90°) |
| **Mounting Type** | PCB Mount / SMT (Surface Mount Technology) |
| **Shielding** | Fully Shielded (360° protection against EMI) |
| **IP Rating** | IP67 (Dust tight and waterproof) |
---
### 2. Electronic Characteristics
The internal electronics are designed to handle high-speed data while maintaining signal integrity in "noisy" electrical environments.
* **Data Rate:** Supports 10/100 Mbit/s (Fast Ethernet).
* **Contact Resistance:** Extremely low (typically < 5 mΩ) to prevent signal loss.
* **Current Rating:** Usually rated for 4A per contact.
* **Voltage Rating:** Typically rated for 250V AC/DC.
* **Insulation:** High-grade thermoplastic to withstand reflow soldering temperatures.
---
### 3. Application Use Cases
Because of its **D-Coding** and **Right-Angle** form factor, this part is commonly used in:
1. **Industrial Automation:** Connecting PLCs (Programmable Logic Controllers) to sensors.
2. **Compact Devices:** The right-angle design allows for a lower profile on the PCB, making it ideal for slim industrial routers or switches.
3. **Harsh Environments:** The robust shielding and IP67 rating make it suitable for wash-down areas in food processing or outdoor telecommunications.
---
### 4. PCB Footprint Example (Generic)
If you are designing a board for this part, the landing pattern usually follows standard M12 SMT layouts:
```markdown
- 4 Signal Pads (Circular arrangement)
- 2 or 4 Grounding/Shielding Lugs (Structural)
- Positioning Pegs (For mechanical stability)
```
---
- ⤷
What are the differences between D-coded and X-coded M12 connectors?
- ⤷ Can this connector be used for Power over Ethernet (PoE)?
- ⤷ What is the recommended soldering profile for the M6DWVS series?