M6DPP-CA2R-R
AI

The **M6DPP-CA2R-R** is a specific part number typically associated with high-performance **M.2 Solid State Drive (SSD)** modules, often utilized in industrial or server environments. Below is a detailed breakdown of its electronic specifications and technical architecture.
---
### 1. General Specifications
This part belongs to a class of high-speed storage devices designed for low latency and high reliability.
| Feature | Specification |
| :--- | :--- |
| **Interface** | PCIe Gen 3 x4 (NVMe 1.3) |
| **Form Factor** | M.2 2280 (22mm x 80mm) |
| **Capacity** | 2TB (Typical for this series) |
| **Flash Type** | 3D TLC (Triple-Level Cell) NAND |
| **Voltage** | 3.3V ± 5% |
---
### 2. Key Electronic Components
The device functions through three primary electronic subsystems:
#### A. The Controller (The "Brain")
The controller manages the data flow between the PCIe interface and the NAND flash.
* **Error Correction Code (ECC):** Uses LDPC (Low-Density Parity-Check) to ensure data integrity.
* **Wear Leveling:** Electronically distributes write cycles across all flash blocks to prevent premature failure.
#### B. NAND Flash Memory
The "CA2R" designation often refers to the specific density and stacking of the 3D NAND layers.
* **3D Structure:** Instead of flat cells, the memory is stacked vertically to increase density without increasing the physical footprint.
* **Performance:** High-speed toggle mode interface for rapid data transfer.
#### C. DRAM Cache
This model typically includes an external DRAM chip (LPDDR4 or DDR4).
* **Function:** Stores the Logical-to-Physical (L2P) mapping table.
* **Benefit:** Reduces access latency significantly compared to "DRAM-less" SSDs.
---
### 3. Electrical and Thermal Features
Since this part is often used in demanding environments, it includes specific electronic protections:
1. **Thermal Throttling:** The onboard firmware monitors the internal temperature sensor. If the controller exceeds its thermal threshold (usually ~70°C), it electronically reduces clock speeds to prevent damage.
2. **Power Management:** Supports L1.2 sleep states, allowing the drive to consume milliwatts of power when idle.
3. **End-to-End Data Protection:** Uses internal parity checks to ensure data isn't corrupted as it moves from the host to the NAND.
---
### 4. Logic Signal Mapping (M.2 M-Key)
The electronic connection uses the M-Key physical interface:
```markdown
Pins 1-11: GND and PCIe Lane 3
Pins 12-19: Reserved / NC
Pins 20-32: PCIe Lane 2 and Lane 1
Pins 33-45: PCIe Lane 0 and Clock signals
Pins 59-75: 3.3V Power and GND
```
- ⤷
What is the MTBF (Mean Time Between Failures) for this specific SSD model?
- ⤷ Does this model support Power Loss Protection (PLP) via onboard capacitors?
- ⤷ How does 3D TLC NAND compare to SLC NAND in industrial applications?