M6DPP-A2NN-R
AI

The **M6DPP-A2NN-R** is a specific part number belonging to the **Honeywell M6 Series** of high-precision industrial pressure transducers. These devices are designed to convert physical pressure into an electrical signal for monitoring and control systems.
---
### 1. Key Technical Specifications
Based on the standard Honeywell nomenclature for the M6 series, here are the electronic and mechanical characteristics:
| Feature | Specification Details |
| :--- | :--- |
| **Output Signal** | Typically 0-5 VDC or 0-10 VDC (High-level analog) |
| **Pressure Range** | Varies by sub-model (Commonly 100 to 5,000 psi) |
| **Accuracy** | ±0.25% to ±0.5% Full Scale (Standard) |
| **Supply Voltage** | 9V to 28V DC (Typical range) |
| **Connection Type** | "P" designator often refers to a specific threaded port (e.g., 1/4-18 NPT) |
| **Electrical Interface** | Circular connector or integral cable (Model dependent) |
---
### 2. Electronic Component Breakdown
The internal architecture of the M6DPP-A2NN-R consists of several critical electronic stages:
#### A. Sensing Element (Wheatstone Bridge)
At the core is a **piezoresistive silicon** or **foil strain gauge** mounted on a diaphragm. As pressure deforms the diaphragm, the resistance of the bridge changes proportionally.
#### B. Signal Conditioning Circuitry
Because the raw signal from the bridge is in millivolts (mV) and sensitive to noise, the internal electronics include:
* **Instrumentation Amplifier:** Boosts the low-level signal to a robust voltage range (0-5V).
* **Temperature Compensation:** Internal thermistors or compensation resistors ensure the output remains stable despite environmental temperature fluctuations.
#### C. Protection Electronics
To survive industrial environments, the circuitry includes:
* **Reverse Polarity Protection:** Prevents damage if the power supply leads are swapped.
* **EMI/RFI Filtering:** Reduces interference from nearby motors or radio equipment.
---
### 3. Application Use Cases
The "M6" series is generally found in high-reliability sectors:
1. **Hydraulic Systems:** Monitoring fluid pressure in heavy machinery.
2. **Test Stands:** Used in laboratory environments for precise data logging.
3. **Process Control:** Integration with PLCs (Programmable Logic Controllers) via the analog voltage input.
---
### 4. Part Number Breakdown (Generalized)
While Honeywell codes are specific, the string `M6DPP-A2NN-R` generally breaks down as:
* **M6:** Model Series (Precision Transducer).
* **DPP:** Port/Diaphragm configuration.
* **A2:** Output type (Analog Voltage).
* **NN:** No specific options/Standard build.
* **R:** RoHS Compliant.
- ⤷
What is the pinout configuration for the M6DPP electrical connector?
- ⤷ How does temperature fluctuation affect the accuracy of this transducer?
- ⤷ What is the recommended calibration interval for the Honeywell M6 series?