công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • M60058LFBK-R

  • AI
    The **M60058LFBK-R** is a specialized electronic component typically categorized within the **Small Outline Integrated Circuit (SOIC)** or specific power management/logic families, often associated with manufacturers like Renesas or Mitsubishi (depending on the specific legacy series). Below is a breakdown of its technical attributes and electronic characteristics. --- ### 1. General Specifications The part number follows a specific nomenclature used for integrated circuits. Here is the general profile: | Feature | Specification | | :--- | :--- | | **Package Type** | SOP-8 / SOIC-8 (Small Outline Package) | | **Lead Finish** | LF (Lead-Free / RoHS Compliant) | | **Packing Method** | R (Tape & Reel) | | **Mounting Type** | Surface Mount (SMD/SMT) | | **Pin Count** | 8 Pins | --- ### 2. Electronic Functionality While specific internal logic can vary by manufacturer series, parts in the **M6005x** series are generally identified as: * **Integrated Power Switches / Drivers:** Often used for controlling small DC motors or serving as an interface between low-power logic and higher-power loads. * **Voltage Detectors/Reset ICs:** In some iterations, these chips monitor supply rails to ensure the CPU/Microcontroller resets correctly during power-up. * **Analog Switches:** Providing signal routing with low "On-Resistance" ($R_{DS(on)}$). ### 3. Key Internal Parts & Components The internal architecture of this IC typically includes: 1. **MOSFET Output Stage:** To handle the current switching with minimal heat dissipation. 2. **Thermal Shutdown Circuitry:** Protects the chip from overheating by shutting down the output if a specific temperature threshold is reached. 3. **ESD Protection Diodes:** Built-in protection on the Input/Output pins to prevent damage from Electrostatic Discharge. 4. **Comparator/Reference Voltage:** An internal bandgap reference to maintain accuracy over a wide temperature range. --- ### 4. Common Applications Due to its small footprint (SOP-8), the M60058LFBK-R is frequently found in: * **Consumer Electronics:** Power management in handheld devices. * **Industrial Control:** Signal conditioning and sensor interfacing. * **Automotive Subsystems:** Low-side switching for auxiliary lights or actuators (if AEC-Q qualified). --- ### 5. Technical Precautions * **Soldering:** Being an "LF" (Lead-Free) part, it requires a higher reflow temperature profile compared to traditional leaded solder. * **Moisture Sensitivity:** Typically rated at **MSL 3**, requiring proper storage once the vacuum-sealed bag is opened to prevent "popcorning" during soldering.
    ✨ Follow-up Questions
    • ⤷ What is the maximum current rating for the M60058LFBK-R?
    • ⤷ Can you provide the pinout diagram details for this SOP-8 package?
    • ⤷ What are the direct equivalents or crosses for this part from other manufacturers?