M60056LFCK-R
AI

The **M60056LFCK-R** is a specific part number typically associated with high-precision **Thin Film Chip Resistors** (often manufactured by Susumu or similar precision component vendors). These components are critical in circuits requiring high stability and low noise.
### 1. Technical Specifications
Below are the typical electronic characteristics for this series:
| Parameter | Specification (Typical) |
| :--- | :--- |
| **Component Type** | Thin Film Precision Chip Resistor |
| **Package / Case** | 0603 (1608 Metric) |
| **Power Rating** | 0.1W (1/10 W) |
| **Tolerance** | ±0.5% (D) or ±1% (F) |
| **Temperature Coefficient** | ±25 ppm/°C or ±50 ppm/°C |
| **Operating Temperature** | -55°C to +155°C |
---
### 2. Key Internal Technologies
#### Thin Film Construction
Unlike standard "Thick Film" resistors, the M60056 series utilizes a **sputtered metal film** on a high-purity ceramic substrate. This provides:
* **Low Noise:** Excellent for audio and sensitive analog signal chains.
* **Stability:** High resistance to environmental changes (humidity, heat).
* **Tight Tolerances:** The laser-trimming process allows for much higher precision than mass-market resistors.
#### Termination and Coating
* **Top Protective Layer:** Usually a specialized epoxy or glass layer to prevent oxidation of the resistive element.
* **Terminations:** Lead-free (RoHS compliant) plating, typically Matte Tin (Sn) over a Nickel (Ni) barrier to prevent solder leaching.
---
### 3. Application Use Cases
Due to its precision nature, the M60056LFCK-R is commonly found in:
1. **Instrumentation:** Bridge circuits and measurement equipment where drift must be minimized.
2. **Medical Electronics:** Monitoring devices requiring stable reference voltages.
3. **Telecommunications:** Base station power amplifiers and RF circuitry.
4. **Automotive:** ECU sensors and control modules.
---
### 4. Part Number Breakdown (Generic Mapping)
While specific to the manufacturer's catalog, the suffix "R" usually denotes the packaging method:
* **LFCK:** Indicates the specific series and TCR (Temperature Coefficient).
* **-R:** Generally stands for **Tape & Reel** packaging, suitable for high-speed automated SMT (Surface Mount Technology) assembly.
---
- ⤷
What is the exact resistance value for this specific part number?
- ⤷ How does a thin film resistor compare to a thick film resistor in terms of pulse endurance?
- ⤷ Are there equivalent alternatives from brands like Vishay or Yageo?