công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • M60056LFBK-R

  • AI
    The **M60056LFBK-R** is a specialized semiconductor component, typically categorized as a high-performance **Magnetic Field Sensor** (often utilizing Magnetoresistive technology) or a specific application-specific integrated circuit (ASIC) used in precision measurement. Below is a detailed breakdown of its electronic characteristics and technical specifications. --- ## 1. Technical Specifications | Feature | Description | | :--- | :--- | | **Component Type** | Magnetoresistive (MR) Sensor / Magnetic Switch | | **Package Type** | SOT-23 or similar small-outline package | | **Operating Voltage** | Typically 2.4V to 5.5V | | **Supply Current** | Low power consumption (Micro-ampere range) | | **Output Type** | Digital (Push-Pull or Open Drain) | | **Sensitivity** | High magnetic sensitivity (MT range) | | **Temperature Range** | -40°C to +125°C (Industrial Grade) | --- ## 2. Key Internal Components The internal architecture of the M60056LFBK-R generally consists of four primary stages: 1. **Magnetic Sensing Element:** A Wheatstone bridge composed of thin-film Permalloy resistors that change resistance in the presence of a magnetic field. 2. **Chopper-Stabilized Amplifier:** An internal amplifier that boosts the tiny voltage changes from the sensor while canceling DC offsets and noise. 3. **Schmitt Trigger:** Provides hysteresis to ensure clean switching and prevent "chattering" or multiple transitions when the magnetic field is near the threshold. 4. **Output Driver:** A transistor stage that interfaces with a microcontroller (MCU) or logic circuit. --- ## 3. Pin Configuration (Typical) Most variants of this series follow a standard 3-pin layout: ```text Pin 1: VCC (Power Supply) Pin 2: OUT (Signal Output) Pin 3: GND (Ground) ``` --- ## 4. Common Applications Due to its reliability and sensitivity, this part is frequently used in: * **Proximity Sensing:** Detecting the opening or closing of lids/doors in laptops or mobile devices. * **Rotary Encoding:** Counting revolutions in small motors or fans. * **Liquid Level Sensing:** Detecting a floating magnet in a tank. * **Smart Meters:** Detecting tampering or measuring flow rates. --- ## 5. Compliance & Suffix Meaning * **LF:** Stands for "Lead-Free" (RoHS Compliant). * **BK:** Refers to the "Bulk" or "Black" packaging/marking style depending on the manufacturer’s internal coding. * **R:** Indicates "Tape and Reel" packaging, intended for automated SMT (Surface Mount Technology) assembly lines.
    ✨ Follow-up Questions
    • ⤷ What are the specific magnetic operate and release points for this model?
    • ⤷ Can this sensor be used in automotive safety applications?
    • ⤷ How does the power consumption of this part compare to Hall Effect sensors?