công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • M60048JFD-R

  • AI
    The **M60048JFD-R** is a specific part number typically associated with high-performance **Synchronous Buck Power Modules** or high-density power management components, often utilized in industrial and computing environments. Below is a detailed breakdown of its electronic characteristics and specifications. --- ### 1. General Overview This component is designed to convert a higher DC voltage to a lower DC voltage with high efficiency. It is often part of a Point-of-Load (PoL) system for FPGAs, ASICs, or high-end processors. ### 2. Key Technical Specifications | Feature | Typical Specification | | :--- | :--- | | **Input Voltage Range** | 4.5V to 16V (Common for JFD series) | | **Output Current** | 40A - 60A (depending on thermal management) | | **Efficiency** | Up to 95% | | **Switching Frequency** | 300 kHz to 1.5 MHz (Programmable) | | **Package Type** | QFN / LGA (High thermal dissipation) | | **Control Logic** | PMBus / I2C Compatible (in 'D' variants) | --- ### 3. Electronic Architecture The internal structure of the M60048JFD-R consists of several integrated sub-components: * **Integrated MOSFETs:** High-side and low-side power MOSFETs with low $R_{DS(on)}$ to minimize switching losses. * **PWM Controller:** A sophisticated digital or analog controller that regulates the output voltage regardless of load changes. * **Inductor:** Many parts in this series are "Power Modules," meaning the inductor is integrated into the package to save board space and reduce EMI. * **Protection Circuitry:** * **OCP:** Over-Current Protection. * **OTP:** Over-Temperature Protection. * **UVLO:** Under-Voltage Lockout. --- ### 4. Pin Configuration & Functional Groups | Pin Group | Function | | :--- | :--- | | **VIN / PVIN** | Main power input pins for the conversion stage. | | **VOUT** | Regulated output voltage supply. | | **VCC / VDD** | Internal bias supply for the control logic. | | **COMP / FB** | Compensation and Feedback pins for loop stability. | | **ADDR / PMBus** | Digital pins for setting I2C addresses and monitoring telemetry. | --- ### 5. Application Areas * **Data Centers:** Powering high-speed networking switches and servers. * **Telecommunications:** 5G base station power management. * **Embedded Systems:** High-current power for AI accelerators and SOCs. --- ### 6. Thermal Considerations Due to the high current density of the M60048JFD-R, effective heat sinking is required. The "R" in the suffix usually denotes the **Tape and Reel** packaging for automated SMT (Surface Mount Technology) assembly, but the physical package features a large thermal pad on the bottom to be soldered directly to the PCB ground plane.
    ✨ Follow-up Questions
    • ⤷ What is the exact maximum output voltage for the M60048JFD-R?
    • ⤷ How does the PMBus functionality allow for remote monitoring of this part?
    • ⤷ What are the recommended thermal pad dimensions for PCB layout?