M60042KFC-R
AI

The **M60042KFC-R** is a specific surface-mount electronic component, typically categorized as a **Chip Resistor** or a **Resistor Network**, often manufactured by companies like ROHM Semiconductor or similar electronic part suppliers.
Below is a breakdown of its technical characteristics and electronic properties.
---
### 1. General Specifications
The part number follows a standard nomenclature for passive components. Here are the likely specifications based on the "M600" series standard:
| Feature | Description |
| :--- | :--- |
| **Component Type** | Fixed Resistor / Chip Resistor |
| **Resistance Value** | Determined by the middle digits (typically 4.2kΩ) |
| **Tolerance** | "F" usually denotes ±1% (Precision) |
| **Package Style** | Surface Mount Device (SMD) |
| **Packaging** | "R" typically signifies Tape & Reel for automated assembly |
---
### 2. Key Electronic Parameters
When integrating this part into a circuit, engineers look at the following electronic behaviors:
* **Power Rating:** Usually rated between **0.063W (1/16W)** and **0.1W**, depending on the physical case size (e.g., 0402 or 0603 imperial).
* **Temperature Coefficient (TCR):** Typically **±100 ppm/°C**, ensuring stability across different operating temperatures.
* **Voltage Rating:** Maximum working voltage is generally around **50V to 150V** depending on the specific footprint.
* **Operating Temperature Range:** Standard industrial range of **-55°C to +155°C**.
---
### 3. Construction and Materials
The "KFC" suffix often refers to the material composition and termination style:
1. **Resistive Element:** Thick film or Thin film metal glaze fired onto a high-grade ceramic substrate.
2. **Termination:** Features a multi-layer electrode structure, typically:
* *Inner Layer:* Silver/Palladium.
* *Middle Layer:* Nickel barrier (to prevent leaching during soldering).
* *Outer Layer:* Tin (Sn) plating for excellent solderability.
3. **Protective Coating:** A glass or epoxy overcoat to protect the resistive element from moisture and mechanical damage.
---
### 4. Applications
This part is used in various electronic assemblies where precision and space-saving are required:
* **Pull-up/Pull-down Resistors:** In digital logic circuits.
* **Voltage Dividers:** In power management modules.
* **Current Limiting:** For LEDs or low-power transistors.
* **Consumer Electronics:** Found in smartphones, tablets, and automotive control modules.
- ⤷
What is the exact physical package size (e.g.
- ⤷ 0603 or 0805) for this part number?
- ⤷ Can you provide the derating curve for this resistor at high temperatures?
- ⤷ Is this part compliant with AEC-Q200 standards for automotive use?