M60038KFK-R
AI

The **M60038KFK-R** is a high-performance **Synchronous Buck (Step-Down) Converter IC** typically used in power management applications. It is designed to convert a higher input voltage to a lower, regulated output voltage with high efficiency.
---
## 1. Technical Specifications Overview
The following table summarizes the primary electrical characteristics of the M60038KFK-R series:
| Parameter | Typical Value | Unit |
| :--- | :--- | :--- |
| **Input Voltage Range** | 4.5V to 18V | V |
| **Output Current** | Up to 3A | A |
| **Switching Frequency** | ~500 kHz | Hz |
| **Feedback Voltage** | 0.8V | V |
| **Package Type** | SOP-8 (Exposed Pad) | - |
| **Efficiency** | Up to 95% | % |
---
## 2. Key Internal Electronic Components
The IC integrates several critical electronic sub-systems into a single silicon chip to reduce the external Bill of Materials (BOM):
### A. Power MOSFETs
The chip integrates both a **High-Side MOSFET** and a **Low-Side MOSFET**.
* **Function:** They act as electronic switches. Because the low-side switch is integrated, there is no need for an external Schottky diode, which improves efficiency and saves board space.
### B. PWM Controller
* **Function:** Uses Pulse Width Modulation (PWM) to control the "on-time" of the MOSFETs. It monitors the output voltage via a feedback pin and adjusts the duty cycle to maintain a steady voltage regardless of load changes.
### C. Protection Circuitry
The M60038KFK-R includes internal safety mechanisms:
* **OCP (Over Current Protection):** Limits the peak current through the inductor to prevent damage.
* **OTP (Over Temperature Protection):** Shuts down the IC if the junction temperature exceeds safe limits (usually around 150°C).
* **UVLO (Under Voltage Lockout):** Ensures the device doesn't attempt to start up until the input voltage is high enough to drive the internal logic.
---
## 3. Standard Application Circuit
To function, the IC requires a few specific external electronic components:
1. **Input Capacitor ($C_{IN}$):** Filters input noise and provides local energy storage for the high-frequency switching.
2. **Inductor ($L$):** Stores energy in a magnetic field during the "on" cycle and releases it during the "off" cycle.
3. **Output Capacitor ($C_{OUT}$):** Smooths the output voltage ripple.
4. **Feedback Resistors ($R_1, R_2$):** A voltage divider that tells the IC what the current output voltage is.
```python
# Output Voltage Formula
# V_out = V_ref * (1 + R1 / R2)
# Where V_ref is typically 0.8V
```
---
## 4. Typical Applications
* Distributed Power Systems
* Networking Equipment (Routers, Switches)
* FPGA, DSP, and ASIC Power Supplies
* LCD TVs and Monitors
- ⤷
What are the recommended values for the inductor and output capacitor for this IC?
- ⤷ How does the 'Exposed Pad' in the SOP-8 package affect thermal management?
- ⤷ Can this IC be used for battery-powered applications with variable input voltages?