M60038GVK-R
AI

The **M60038GVK-R** is an integrated circuit (IC) primarily used in power management and motor control applications. It is frequently identified as a Power MOSFET or an Integrated Power Module (IPM) depending on the specific manufacturer (often associated with brands like Renesas or Mitsubishi in industrial contexts).
Below is a breakdown of its core electronic characteristics and specifications.
---
## 1. Core Technical Specifications
The M60038GVK-R is designed to handle high-current loads while maintaining thermal efficiency.
| Parameter | Typical Value/Range |
| :--- | :--- |
| **Component Type** | N-Channel Power MOSFET / Power Module |
| **Drain-Source Voltage ($V_{DSS}$)** | High Voltage (Variable by sub-series, often 30V-100V) |
| **Continuous Drain Current ($I_D$)** | High Current (Specific to package thermal limits) |
| **Package Type** | Surface Mount (SMD) - often SOP or DPAK variants |
| **Mounting Type** | Surface Mount Technology (SMT) |
| **RoHS Status** | Compliant (Indicated by "-R" suffix) |
---
## 2. Key Electronic Features
### A. Low On-Resistance ($R_{DS(on)}$)
The device is engineered to have extremely low internal resistance when fully turned on. This reduces power dissipation (heat) and improves the overall efficiency of the power supply or motor controller.
### B. High-Speed Switching
The internal gate structure allows for rapid transitions between "on" and "off" states. This makes it suitable for **Pulse Width Modulation (PWM)** applications, where high-frequency switching is required to control motor speed or LED brightness.
### C. Logic Level Gate Drive
Most variants in this series allow the MOSFET to be triggered by low-voltage signals (3.3V or 5V) directly from a microcontroller (MCU) or a dedicated driver IC, simplifying the circuit design.
---
## 3. Typical Circuit Applications
This part is commonly found in the following electronic environments:
* **DC-DC Converters:** Used as a switching element to step down or step up voltages in consumer electronics.
* **Motor Drivers:** Integrated into H-bridge circuits for controlling small DC motors or brushless DC (BLDC) motors.
* **Battery Protection:** Acts as a safety switch in lithium-ion battery management systems (BMS) to cut power during over-current events.
* **Load Switching:** Used to turn specific power rails on or off within a larger system to save energy.
---
## 4. Part Number Breakdown (General)
While specific to the manufacturer's internal coding, the suffix usually denotes environmental or packaging standards:
* **M60038:** The base part number identifying the silicon die and electrical characteristics.
* **GVK:** Indicates the specific package type and pin configuration.
* **-R:** Generally signifies **RoHS Compliance** or **Tape and Reel** packaging for automated assembly.
---
- ⤷
What is the maximum operating temperature for the M60038GVK-R?
- ⤷ Can you provide a pinout diagram for the SOP package version?
- ⤷ What are the recommended gate driver ICs to use with this part?