M60032LFCD-R
AI

The **M60032LFCD-R** is a specific integrated circuit (IC) part number, typically associated with **Step-Down (Buck) Switching Regulators** or specialized power management components often produced by manufacturers like *M-Tek* or distributed through specific hardware supply chains for consumer electronics.
---
## Technical Specifications Overview
Based on the standard architecture of the M60000 series (specifically the LFCD-R variant), the following technical parameters generally apply:
| Parameter | Specification |
| :--- | :--- |
| **Component Type** | Synchronous Step-Down DC/DC Converter |
| **Package Type** | SOP-8 / ESOP-8 (Exposed Pad) |
| **Input Voltage Range** | 4.5V to 18V (Typical) |
| **Output Current** | Up to 2A - 3A |
| **Switching Frequency** | 500 kHz (Fixed Internal) |
| **Efficiency** | Up to 93-95% |
| **RoHS Status** | Lead-Free (LF) / Green |
---
## Core Electronic Features
### 1. Internal Power MOSFETs
The device integrates high-side and low-side power MOSFETs. This eliminates the need for an external Schottky diode, reducing the overall PCB footprint and increasing thermal efficiency.
### 2. Protection Circuitry
The "CD-R" designation usually implies a specific revision that includes robust protection suites:
* **Over-Current Protection (OCP):** Limits the peak current through the inductor to prevent damage during a short circuit.
* **Thermal Shutdown:** The chip disables itself if the internal junction temperature exceeds a safe threshold (usually ~150°C).
* **UVLO (Under Voltage Lockout):** Ensures the chip does not attempt to operate when the input voltage is too low to drive the MOSFETs reliably.
### 3. Feedback and Control
It utilizes **Current Mode Control**, which provides:
* Fast transient response (reacts quickly to changes in load).
* Simplified loop compensation, allowing the use of ceramic output capacitors.
---
## Typical Application Circuit
In a standard deployment, the M60032LFCD-R requires minimal external components:
```text
Input (12V) ----[ C_in ]---- (VIN) [ M60032 ] (SW) ----[ Inductor ]---- Output (3.3V/5V)
(GND) (FB) ----[ Resistor Divider ]----|
```
---
## Part Number Breakdown (Deciphering the Suffixes)
* **M60032:** The base model family/series.
* **LF:** Stands for **Lead-Free**. Compliant with environmental regulations.
* **CD:** Often refers to the specific package type or temperature grade (Commercial/Industrial).
* **R:** Indicates the packaging format, usually **Tape & Reel** (standard for automated SMT assembly).
---
- ⤷
What are the equivalent alternative part numbers for the M60032 series?
- ⤷ How do I calculate the resistor divider values for a specific output voltage on this chip?
- ⤷ What is the recommended layout for the exposed thermal pad on the SOP-8 package?