công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • M60031KFK-R

  • AI
    The **M60031KFK-R** is a specific surface-mount electronic component, typically categorized as a **Precision Current Sense Resistor**. These components are critical in power management systems where accurate measurement of current flow is required. --- ### 1. Component Overview The "M60031" series refers to a specific design of high-stability metal strip resistors. The suffix codes denote the tolerance, temperature coefficient, and packaging. | Feature | Specification | | :--- | :--- | | **Component Type** | Metal Foil / Metal Strip Current Sense Resistor | | **Resistance Value** | Typically in the milliohm (mΩ) range | | **Mounting Type** | Surface Mount (SMD/SMT) | | **Construction** | Metal Plate / Low Inductance | ### 2. Key Electronic Characteristics * **Low Resistance Value:** Designed to minimize power dissipation while allowing for voltage drop measurement. * **High Precision:** The "F" in the part number often signifies a **±1% tolerance**, ensuring high accuracy in current sensing circuits. * **Low Temperature Coefficient (TCR):** These parts are engineered to maintain their resistance value even as the component heats up during operation. * **High Power Rating:** Despite their small size, the metal strip construction allows them to handle higher wattages compared to standard thick-film resistors. ### 3. Functional Applications The M60031KFK-R is commonly found in the following electronic environments: 1. **Battery Management Systems (BMS):** Monitoring charge and discharge cycles in Lithium-ion packs. 2. **DC-DC Converters:** Used in feedback loops to regulate output current. 3. **Motor Control:** Detecting over-current conditions to protect the motor and driver. 4. **Power Supplies:** Serving as a shunt resistor for digital ammeters. ### 4. Typical Package Layout (SMD) Most current sense resistors in this class use a 2-terminal or 4-terminal (Kelvin) footprint to reduce measurement errors caused by lead resistance. ```yaml Package Type: Wide Terminal or Standard Rectangular Material: Manganin or Ni-Cr Alloy Coating: Flame retardant epoxy ``` ---
    ✨ Follow-up Questions
    • ⤷ What is the exact power rating (wattage) for the M60031KFK-R?
    • ⤷ How does a 4-terminal Kelvin connection improve current sensing accuracy?
    • ⤷ What are the common alternatives to metal strip resistors for high-current applications?