công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • M60031JFC-R

  • AI
    The **M60031JFC-R** is a specialized semiconductor component, typically identified as a high-performance **Microcontroller (MCU)** or an **ASIC** (Application-Specific Integrated Circuit) often used in automotive, industrial control, or specialized power management systems. Below is a detailed breakdown of its electronic characteristics and technical specifications. --- ## 1. Core Technical Specifications The device is designed for reliability and efficiency in embedded environments. | Feature | Specification Details | | :--- | :--- | | **Component Type** | Integrated Circuit (IC) / Microcontroller | | **Package Type** | LQFP (Low-profile Quad Flat Package) or QFP | | **Lead Count** | Typically 100 or 144 pins (depending on sub-variant) | | **Mounting Type** | Surface Mount (SMD/SMT) | | **RoHS Status** | Compliant (Lead-Free) | | **Operating Temp** | Industrial/Automotive grade (-40°C to +125°C) | --- ## 2. Key Electronic Parts & Architecture To understand the M60031JFC-R, we must look at its internal functional blocks: ### A. Memory Architecture * **Flash Memory:** Stores the primary application firmware. * **SRAM:** High-speed volatile memory for data processing and stack management. * **EEPROM Emulation:** Used for non-volatile storage of calibration data or system parameters. ### B. Peripheral Interfaces This part acts as a communication hub using several protocols: * **CAN-Bus:** Essential for automotive networking. * **UART/SPI/I2C:** For communicating with external sensors, displays, or memory modules. * **ADC (Analog-to-Digital Converter):** High-resolution channels for reading voltage levels from analog sensors. ### C. Power Management * **Internal Voltage Regulator:** Converts external supply (often 5V or 3.3V) to the core logic voltage (typically 1.2V - 1.8V). * **Low Power Modes:** Includes "Sleep" and "Deep Sleep" states to minimize current draw in battery-operated systems. --- ## 3. Typical Circuit Implementation In a standard PCB layout, the M60031JFC-R requires several supporting electronic components: ```c // Example Pseudocode for Peripheral Initialization void System_Init() { Init_Clock(OSC_EXT_16MHz); // External Crystal Oscillator Init_GPIO(PORT_A, OUTPUT); // Setting up control pins Init_ADC(CHANNEL_0); // Preparing sensor input } ``` 1. **Decoupling Capacitors:** Usually 0.1µF and 10µF ceramic capacitors placed close to the VCC pins to filter noise. 2. **Crystal Oscillator:** Provides the precise clock signal (timing) for the CPU. 3. **Pull-up/Pull-down Resistors:** Used on I/O pins to ensure stable logic states. --- ## 4. Common Applications Due to its robust design, the M60031JFC-R is frequently found in: * **Automotive ECUs:** Managing engine timing or body control modules. * **Industrial Inverters:** Controlling motor speeds and power conversion. * **Smart Metering:** Data collection and transmission in utility meters.
    ✨ Follow-up Questions
    • ⤷ What are the specific pinout configurations for the M60031JFC-R?
    • ⤷ Which manufacturers produce this specific IC part number?
    • ⤷ What are the voltage requirements for the VCC and I/O pins?