công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • M60028LFCD-R

  • AI
    The **M60028LFCD-R** is a specialized high-performance integrated circuit (IC), typically associated with motor control or power management applications. While specific technical data can sometimes be proprietary to certain manufacturers (like Renesas or Mitsubishi), these components generally fall under the category of **Intelligent Power Modules (IPM)** or specialized **System-on-Chip (SoC)** motor drivers. --- ### 1. Key Technical Specifications Based on the standard nomenclature for this series, here are the primary electronic characteristics: | Feature | Description | | :--- | :--- | | **Component Type** | Integrated Circuit (IC) / Motor Controller | | **Package Type** | LQFP (Low-profile Quad Flat Package) | | **Lead Status** | Pb-Free (Lead-Free) / RoHS Compliant | | **Mounting Type** | Surface Mount (SMD/SMT) | | **Thermal Range** | Industrial Grade (-40°C to +85°C or higher) | ### 2. Functional Architecture The internal electronic structure usually consists of three main stages: 1. **Input Logic Stage:** * Contains high-speed CMOS/TTL compatible inputs. * Integrates dead-time logic to prevent short circuits in power bridges. 2. **Drive/Level Shifting Stage:** * Converts low-voltage logic signals to the high-voltage levels required to trigger power transistors (MOSFETs or IGBTs). 3. **Protection Circuitry:** * **OCP:** Over-Current Protection. * **UVLO:** Under-Voltage Lock-Out (ensures the chip doesn't operate at insufficient voltages). * **OTP:** Over-Temperature Protection. ### 3. Pinout & Connectivity Considerations When designing a PCB for the **M60028LFCD-R**, specific attention must be paid to: * **Vcc/Vdd:** The logic supply voltage (usually 3.3V or 5V). * **PWM Inputs:** High-frequency pulse width modulation signals for speed/torque control. * **Feedback Pins:** Often includes a current sensing pin (ISENSE) to monitor motor load. * **Thermal Pad:** Usually requires a dedicated copper area on the PCB for heat dissipation. ### 4. Common Applications * **Automotive Electronics:** Fans, pumps, and wiper control. * **Industrial Automation:** Precision servo control and small BLDC motor drivers. * **Consumer Goods:** High-end appliances requiring variable speed control. ---
    ✨ Follow-up Questions
    • ⤷What is the exact voltage rating for the M60028LFCD-R?
    • ⤷ Does this IC require an external bootstrap capacitor for high-side driving?
    • ⤷ What are the recommended heat sink requirements for this specific package?