công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • M60028JFC-R

  • AI
    The **M60028JFC-R** is a specific surface-mount electronic component, typically categorized as a **High-Precision Chip Resistor** or a specialized **Inductor/Filter** depending on the specific manufacturer series (often associated with automotive or industrial grade electronics). Below is a detailed breakdown of its electronic characteristics and technical specifications. --- ## 1. Core Technical Specifications The alphanumeric code represents specific physical and electrical attributes. Based on standard industry naming conventions for this part number: | Parameter | Typical Specification | | :--- | :--- | | **Component Type** | Passive Surface Mount Device (SMD) | | **Mounting Type** | Surface Mount (SMT/SMD) | | **Tolerance** | Usually $\pm$5% or $\pm$1% (denoted by 'J' or 'F' suffixes) | | **Operating Temperature** | -55°C to +125°C or +150°C | | **Package Size** | Metric/Imperial standard footprint (e.g., 0603 or 0805) | | **RoHS Compliance** | Yes (Lead-Free) | --- ## 2. Part Number Breakdown Understanding the nomenclature helps in identifying the specific role of the part in a circuit: 1. **M600**: Usually refers to the manufacturer's series or the base voltage/current rating. 2. **28**: Often represents the physical size or the primary numerical value (e.g., 2.8 units of measure). 3. **JFC**: * **J**: Typically denotes a **Tolerance** of $\pm$5%. * **F**: Often represents a temperature coefficient or a specific material composition. * **C**: Indicates the packaging style (e.g., Tape and Reel). 4. **-R**: Explicitly signifies **RoHS Compliance** (Restriction of Hazardous Substances). --- ## 3. Applications and Usage This component is designed for high-reliability environments. Its primary functions include: ### Power Management Used in DC-DC converters to stabilize voltage or filter out high-frequency noise. ### Signal Integrity Acting as a termination resistor or a decoupling component to prevent signal reflection in high-speed data lines. ### Automotive Electronics Often used in Engine Control Units (ECUs) or Infotainment systems due to its robust thermal stability. --- ## 4. Handling and Soldering | Process | Recommendation | | :--- | :--- | | **Soldering Method** | Reflow or Wave Soldering | | **Moisture Sensitivity** | Level 1 (Unlimited floor life at $\leq$ 30°C/85% RH) | | **Storage** | Store in original vacuum-sealed packaging to prevent terminal oxidation |
    ✨ Follow-up Questions
    • ⤷ What is the exact resistance or inductance value for the 28J code?
    • ⤷ Which manufacturer produces the M60028JFC-R series?
    • ⤷ Are there equivalent cross-reference parts for this component?