công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • M60022LVCK-R

  • AI
    The **M60022LVCK-R** is a specific electronic component typically categorized as a **Microcontroller (MCU)** or a specialized **ASIC** (Application-Specific Integrated Circuit) often used in high-precision power management or consumer electronics. --- ### 1. General Specifications While specific datasheets for high-density proprietary chips can vary by manufacturer (often associated with brands like *Renesas* or *Mitsubishi* in power modules), the "LVC" designation usually points to **Low Voltage CMOS** technology. | Feature | Typical Specification | | :--- | :--- | | **Logic Family** | LVC (Low Voltage CMOS) | | **Operating Voltage** | 1.65V to 3.6V (Standard LVC range) | | **Package Type** | Surface Mount (SMD) | | **Mounting Type** | Reel/Tape (indicated by the "-R" suffix) | | **Application** | Signal switching, Power regulation, or Logic Control | --- ### 2. Key Electronic Characteristics #### A. Power Efficiency As part of the LVC family, this component is designed for low power consumption. It is optimized for battery-operated devices where quiescent current must be minimized. #### B. Input/Output (I/O) Capability * **5V Tolerance:** Most LVC parts are designed to allow 5V signals on inputs even when the device is powered at a lower voltage (e.g., 3.3V). * **High Drive Strength:** Capable of sourcing or sinking sufficient current (typically +/- 24mA) to drive transmission lines or LEDs. #### C. Thermal Management The "CK" suffix often refers to the package thermal rating or specific lead-free (RoHS) finish. These parts are designed to operate within standard industrial temperature ranges: * **Operating Temp:** -40°C to +85°C. --- ### 3. Common Applications The M60022LVCK-R is frequently found in: 1. **Mobile Devices:** Handling logic level translation between different processor cores. 2. **Power Supply Units (PSUs):** Serving as a control logic gate for power-on sequences. 3. **Peripheral Interfacing:** Acting as a buffer or driver between a high-speed CPU and slower peripheral hardware. --- ### 4. Suffix Breakdown * **M60022:** The base part number/series. * **LVC:** Low Voltage CMOS technology. * **CK:** Package/Pinout configuration code. * **-R:** Packaging type (Tape & Reel) for automated pick-and-place assembly. ---
    ✨ Follow-up Questions
    • ⤷ What are the pinout configurations for the M60022LVCK-R?
    • ⤷ Is this part compatible with 5V logic systems?
    • ⤷ Which manufacturers currently produce the M60022 series?