công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • M60022LFCK-R

  • AI
    The **M60022LFCK-R** is a specialized semiconductor component, typically associated with power management or motor control applications. This part is often categorized as an **Intelligent Power Module (IPM)** or a specialized **IGBT/MOSFET driver module** depending on the specific manufacturer (commonly Mitsubishi or Renesas family). Below is a detailed breakdown of its electronic characteristics and structure. --- ### 1. General Specifications The device is designed to handle high-current and high-voltage switching tasks while integrating protection circuitry to ensure reliability. | Feature | Description | | :--- | :--- | | **Component Type** | Power Management Integrated Circuit (PMIC) / IPM | | **Package Type** | LFCK (Lead-Free, Compact Package) | | **Mounting Type** | Surface Mount (SMD) / Through-hole (depending on variant) | | **Primary Function** | Voltage regulation, motor driving, or power switching | | **RoHS Status** | Compliant (Indicated by 'R' suffix) | --- ### 2. Internal Architecture The "Intelligent" aspect of this part refers to the integration of several sub-components into a single package: 1. **Power Stage:** Contains high-speed IGBTs (Insulated Gate Bipolar Transistors) or Power MOSFETs configured for switching. 2. **Gate Drive Circuit:** Internal circuitry that provides the correct voltage levels to turn the power transistors on and off efficiently. 3. **Protection Logic:** * **UVLO (Under Voltage Lock-Out):** Prevents the device from operating if the supply voltage is too low. * **OTP (Over Temperature Protection):** Shuts down the device if internal heat exceeds safety thresholds. * **OCP (Over Current Protection):** Monitors the load to prevent damage during a short circuit. --- ### 3. Pinout & Connectivity (Generic Layout) While specific pin maps depend on the datasheet version, parts in this series generally follow this functional grouping: | Pin Group | Function | | :--- | :--- | | **Vcc / Vdd** | Logic power supply input. | | **Input (IN)** | Low-voltage signal input from a Microcontroller (MCU). | | **Output (OUT)** | High-power output to the load (e.g., motor phase). | | **GND / COM** | Common ground for logic and power stages. | | **Fault (FO)** | Status output pin to alert the MCU of an error condition. | --- ### 4. Typical Applications The M60022LFCK-R is frequently found in industrial and consumer electronics that require precise power control: * **Inverter Air Conditioners:** Controlling the compressor motor speed. * **Industrial Robotics:** Precision servo motor driving. * **Washers/Dryers:** Managing the drum motor movements. * **Power Supplies:** High-efficiency DC-DC conversion stages. --- ### 5. Identification Suffixes * **LF:** Stands for "Lead-Free," indicating environmental compliance. * **CK:** Often refers to specific package dimensions or thermal characteristics. * **-R:** Usually denotes "RoHS compliant" or "Reel" packaging for automated assembly.
    ✨ Follow-up Questions
    • ⤷ What is the maximum voltage rating for the M60022LFCK-R?
    • ⤷ Can this part be used in automotive applications?
    • ⤷ What are the recommended cooling requirements for this module?