công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • M60022GFC-R

  • AI
    The **M60022GFC-R** is a specialized high-speed CMOS semiconductor device, primarily identified as a **Gate Array** or **Application Specific Integrated Circuit (ASIC)** manufactured by Renesas (formerly Mitsubishi Electric). --- ## 1. Core Technical Specifications The M60022 series is designed for low-power, high-integration digital logic applications. Below are the typical electronic characteristics for this part family: | Parameter | Specification | | :--- | :--- | | **Logic Family** | CMOS (Complementary Metal-Oxide-Semiconductor) | | **Package Type** | QFP (Quad Flat Package) or QFJ | | **Pin Count** | Varies by sub-version (typically 80-120 pins) | | **Operating Voltage** | 3.3V or 5.0V (Standard Logic Levels) | | **Gate Count** | Varies based on gate array density | | **Speed Grade** | High-speed switching (Nanosecond range) | --- ## 2. Key Electronic Components & Internal Structure ### A. Gate Array Architecture This chip functions as a "Sea of Gates." It contains a base layer of uncommitted transistors. The specific logic (OR, AND, Flip-Flops) is defined by the final metal layers during manufacturing. ### B. I/O Buffers The "GFC-R" suffix often denotes specific I/O characteristics: * **Schmitt Trigger Inputs:** For noise immunity. * **Tri-state Outputs:** Allowing the chip to interface with shared data buses. * **ESD Protection:** Built-in diodes to protect the internal logic from static discharge. ### C. Clock Management Internal circuitry typically includes clock tree synthesis to ensure synchronous operation across the entire logic fabric with minimal skew. --- ## 3. Identification and Suffix Breakdown While full datasheets for older Mitsubishi/Renesas ASICs are often proprietary to the original equipment manufacturer (OEM), the naming convention generally follows: 1. **M60022:** The series base number (Logic/Gate Array family). 2. **GFC:** Package and Temperature code (usually indicating a Plastic QFP). 3. **-R:** Often signifies "RoHS Compliant" or a specific revision/taping direction for automated assembly. --- ## 4. Typical Applications These parts are commonly found in legacy industrial electronics and consumer hardware: * **Printer Controllers:** Managing data flow between the CPU and print head. * **Automotive Control Units:** Handling specific sensor logic. * **Industrial PLCs:** Custom logic for automation sequences. ---
    ✨ Follow-up Questions
    • ⤷ Is the M60022GFC-R still in active production by Renesas?
    • ⤷ What are the pinout diagrams for the GFC package type?
    • ⤷ Are there functional equivalents or drop-in replacements for this ASIC?