công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • M60021GVC-R

  • AI
    The **M60021GVC-R** is a high-performance, integrated circuit (IC) primarily used in power management and motor control applications. This specific part is frequently associated with **Renesas Electronics** (or formerly Mitsubishi Electric) and is commonly found in industrial electronics and climate control systems. --- ## Technical Specifications Overview The M60021 series is designed as a **Microcomputer Peripheral IC**. Below are the core technical characteristics: | Parameter | Description | | :--- | :--- | | **Function** | Power Management / Signal Processing for Motor Drive | | **Package Type** | QFP (Quad Flat Package) | | **Mounting Type** | Surface Mount (SMD) | | **Primary Application** | Inverter Control, Air Conditioning units, Industrial Fans | | **Key Features** | High integration, noise immunity, and thermal stability | --- ## Internal Electronic Architecture The M60021GVC-R serves as a bridge between the central processing unit (CPU/MCU) and the power output stage. Its internal layout typically includes: ### 1. Logic Interface The IC accepts low-voltage logic signals (5V or 3.3V) from a microcontroller. It interprets these signals to manage the timing and sequencing of power delivery. ### 2. PWM Signal Processing It is designed to handle **Pulse Width Modulation (PWM)** signals, which are essential for controlling the speed and torque of electric motors by varying the duty cycle of the electricity supplied to them. ### 3. Protection Circuitry The "GVC-R" variant often includes built-in safeguards: * **Over-current Protection:** Shuts down outputs if a short circuit is detected. * **Under-voltage Lockout (UVLO):** Ensures the chip doesn't operate when the supply voltage is too low to drive the transistors reliably. * **Thermal Shutdown:** Protects the silicon from damage due to excessive heat. --- ## Common Usage Scenarios This component is critical in systems where precise motor speed control is required. 1. **HVAC Inverters:** Used to control the compressor motor in high-efficiency air conditioners. 2. **Factory Automation:** Driving small to medium-sized brushless DC (BLDC) motors. 3. **Appliance Control:** Managing power stages in high-end washing machines or refrigerators. --- ## Typical Pin Configuration Example *Note: Specific pinouts should always be verified against the official Renesas datasheet for the GVC-R revision.* ```text Pin 1-10: Logic Inputs / PWM Command signals Pin 11-20: Ground and VCC Supply Pin 21-40: Output Drive signals (High/Low side) Pin 41-60: Feedback and Error sensing pins ``` ---
    ✨ Follow-up Questions
    • ⤷What is the official datasheet source for the M60021GVC-R?
    • ⤷ Are there any direct pin-to-pin replacements for this IC?
    • ⤷ How do I troubleshoot a failure in the M60021GVC-R circuit?