công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • M60018JVCK-R

  • AI
    The **M60018JVCK-R** is an integrated circuit (IC) primarily categorized as a **Microcontroller (MCU)** or specialized logic controller, often used in consumer electronics, automotive infotainment, or industrial control units. Below is a breakdown of its electronic characteristics and technical specifications. --- ### 1. General Specifications This part belongs to a family of microprocessors designed for high integration and low power consumption. | Parameter | Specification (Typical) | | :--- | :--- | | **Manufacturer** | Often associated with Renesas or Mitsubishi Electric | | **Package Type** | QFP (Quad Flat Package) or LQFP | | **Mounting Type** | Surface Mount (SMD/SMT) | | **Core Architecture** | Proprietary CISC/RISC Hybrid | | **I/O Pins** | High-density pin count for multi-peripheral support | --- ### 2. Core Architecture and Functions The M60018 series is engineered for specific logic handling tasks. Its internal components usually include: * **CPU Core:** Optimized for real-time processing and interrupt handling. * **Memory Map:** Internal ROM (Flash) for program storage and RAM for data processing. * **Clock Management:** Supports external crystal oscillators and internal PLL (Phase-Locked Loop) for frequency scaling. ### 3. Peripheral Interfaces As a controller, it integrates several communication and interface blocks: 1. **Serial Communication:** Includes UART, I2C, and SPI for communicating with sensors or other ICs. 2. **ADC/DAC:** Integrated Analog-to-Digital Converters for processing sensor data. 3. **Timers/Counters:** Multiple channels for PWM (Pulse Width Modulation) generation, useful in motor control or backlight dimming. 4. **GPIO:** General Purpose Input/Output pins with programmable pull-up/down resistors. --- ### 4. Application Context The "R" suffix often indicates a specific revision or packaging tape-and-reel format. Common use cases include: * **Audio/Video Equipment:** Controlling display panels or signal routing. * **Home Appliances:** Managing user interface (UI) panels and operational logic. * **Automotive Systems:** Handling dashboard instrumentation or climate control logic. ### 5. Pin Configuration Example *Note: Specific pinouts depend on the exact sub-variant (JVCK).* ```c // Pseudo-code representation of initializing an M60018 GPIO void Init_System() { System_Clock_Config(); // Set internal frequency GPIO_Mode_Set(PORT_A, PIN_1, OUTPUT); // Configure Pin 1 for signaling I2C_Start(400KHz); // Initialize communication bus } ``` ---
    ✨ Follow-up Questions
    • ⤷What is the specific pin count for the JVCK-R variant?
    • ⤷ Can this IC be programmed using standard JTAG interfaces?
    • ⤷ What are the voltage operating ranges for this specific part number?