công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • M5VS-H4-R

  • AI
    ## M5VS-H4-R: Signal Conditioner Overview The **M5VS-H4-R** is a compact, plug-in signal conditioner manufactured by **M-System**. Its primary function is to convert a DC input signal into a standard process signal (voltage or current), providing isolation between the input, output, and power supply. --- ### 1. Key Technical Specifications The model number follows a specific nomenclature. Here is the breakdown of the technical attributes for the **M5VS-H4-R**: | Attribute | Specification | Description | | :--- | :--- | :--- | | **Model Series** | M5VS | Ultra-slim Signal Conditioner (10mm width) | | **Input Signal (H)** | 0 – 10V DC | High-level DC voltage input | | **Output Signal (4)** | 0 – 10V DC | High-level DC voltage output | | **Power Supply (R)** | 24V DC | Standard industrial control power | | **Isolation** | 3-way | Isolation between Input - Output - Power | | **Mounting** | DIN Rail | Standard 35mm DIN rail mounting | --- ### 2. Internal Electronic Components & Design The M5VS series utilizes high-quality industrial-grade electronics to ensure signal integrity. * **Isolation Transformer:** Uses high-frequency modulation to provide galvanic isolation (usually up to 2000V AC). This prevents ground loops and protects sensitive PLC/DCS inputs from surges. * **Operational Amplifiers (Op-Amps):** High-precision, low-drift amplifiers are used to scale the 0-10V input to the 0-10V output with high linearity. * **Zero/Span Adjustments:** Located on the front panel, these allow for fine-tuning the electronic calibration to compensate for sensor inaccuracies. * **Power Circuitry:** Includes internal filtering and regulation to handle fluctuations in the 24V DC supply, ensuring a stable reference voltage for signal conversion. --- ### 3. Application Use Cases | Application | Purpose | | :--- | :--- | | **Ground Loop Elimination** | Breaking the electrical path between a field sensor and a controller to prevent signal noise. | | **Signal Buffering** | Strengthening a voltage signal to drive a load without dropping voltage. | | **Protection** | Acting as a "sacrificial" barrier; if a high-voltage surge hits the field side, the M5VS is destroyed instead of the expensive PLC. | --- ### 4. Wiring Diagram Concept ```text [ FIELD SIDE ] [ M5VS-H4-R ] [ CONTROL SIDE ] (0-10V Sensor) ----> [ Input Terminals ] [ 1500V ] ----> (0-10V to PLC) (24V DC Power) ----> [ Power Terminals ] ```
    ✨ Follow-up Questions
    • ⤷ What are the specific terminal pin assignments for the M5VS-H4-R?
    • ⤷ How do I perform Zero and Span calibration on this unit?
    • ⤷ What is the maximum response time for signal conversion in the M5VS series?