công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • M5VS-F0-R

  • AI
    The **M5VS-F0-R** is a specific model of an **Ultra-Slim Signal Conditioner** (Isolator) manufactured by **M-System**. It is designed to receive a DC voltage or current input and provide a proportional, isolated DC output. --- ### 1. Technical Specifications The model code `M5VS-F0-R` breaks down into specific technical parameters: | Component | Code | Description | | :--- | :--- | :--- | | **Series** | M5VS | Ultra-slim (5.9 mm width) signal conditioner | | **Input** | F | 0 – 10 V DC | | **Output** | 0 | 0 – 10 V DC (Voltage output) | | **Power Input** | R | 24 V DC | ### 2. Electronic Hardware Characteristics The internal electronics are engineered for high-density industrial control panels. Key electronic features include: * **Galvanic Isolation:** It provides 3-way isolation (Input to Output to Power). This prevents ground loops and protects sensitive PLC/DCS equipment from electrical surges. * **Response Time:** Typically $\leq 25$ ms (0 – 90%). * **Accuracy:** $\pm 0.1\%$ of span, ensuring high-fidelity signal reproduction. * **Power Consumption:** Extremely low, approximately $\leq 0.5$ W. * **Dielectric Strength:** Usually rated for 2000V AC @ 1 minute (Input to Output to Power). ### 3. Physical & Connection Interface The unit uses a "Plug-in" or "Euro-terminal" design depending on the specific base used, but the core module is characterized by: 1. **Width:** 5.9 mm (0.23 inches), allowing for high-density mounting on a DIN rail. 2. **Terminal Block:** Tension clamp or screw terminal connections. 3. **Status Indicator:** Green LED on the front panel to indicate power status. 4. **Adjustments:** Zero and Span adjustments are accessible via the front for field calibration. --- ### 4. Circuit Implementation Example When wiring this part into an electronic system, the typical pin configuration follows this logic: ```markdown - Terminals 1 & 2: Power Input (24V DC) - Terminals 3 & 4: Output Signal (0-10V DC) - Terminals 5 & 6: Input Signal (0-10V DC) ``` --- ### 5. Application Use Cases * **Signal Buffering:** Driving a low-impedance load with a high-impedance source. * **Noise Reduction:** Eliminating common-mode noise in industrial environments. * **Voltage Level Matching:** Isolating a 0-10V sensor signal before it enters a central control system.
    ✨ Follow-up Questions
    • ⤷ What is the maximum load resistance supported by the 0-10V output?
    • ⤷ Does the M5VS-F0-R require a specific mounting base or DIN rail type?
    • ⤷ Are there versions of this model that support 4-20mA input instead of 0-10V?