công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • M5VS-44-R

  • AI
    The **M5VS-44-R** is a specific model of a **Signal Conditioner** (specifically a Potentiometer Transmitter) manufactured by **M-System**. It is designed to interface with a potentiometer and convert the resistance position into a standardized analog signal. --- ## 1. Technical Specifications The "M5VS-44-R" model code defines its specific electrical characteristics. Below is the breakdown of the electronic parts and configurations: | Feature | Specification | Description | | :--- | :--- | :--- | | **Input Signal** | Potentiometer | Range: 100 $\Omega$ to 10 k$\Omega$ | | **Output Signal (4)** | 4 – 20 mA DC | Standard current loop output | | **Power Input (4)** | 4 – 20 mA DC | Loop-powered (2-wire system) | | **Mounting** | DIN Rail | Standard 35mm rail mounting | | **Accuracy** | $\pm 0.1\%$ | High precision signal processing | --- ## 2. Core Electronic Components The internal circuitry of the M5VS series is composed of several critical electronic stages: ### A. Input Stage (Bridge Circuit) * **Reference Voltage:** Provides a stable voltage across the external potentiometer. * **Signal Detection:** Measures the position of the wiper. It translates the resistance ratio into a low-level voltage signal. ### B. Signal Conditioning & Isolation * **Operational Amplifiers (Op-Amps):** Used for impedance matching and initial amplification of the potentiometer signal. * **Optical/Galvanic Isolation:** The device provides 2000V AC isolation between the input and the output/power loop to prevent ground loops and protect control systems. ### C. Output Driver (Current Loop) * **Voltage-to-Current Converter:** The internal logic converts the processed signal into a precise 4-20mA DC current. * **Protection Circuitry:** Includes surge protectors and reverse-polarity protection to safeguard the unit from wiring errors. --- ## 3. Terminal Connection Diagram The device typically uses a 4-terminal or 8-terminal configuration depending on the base socket: | Terminal No. | Function | Connection Type | | :--- | :--- | :--- | | **1** | Output / Power (+) | Connect to PLC / Power Supply (+) | | **2** | Output / Power (-) | Connect to PLC / Power Supply (-) | | **5** | Potentiometer High | Top end of the pot | | **6** | Potentiometer Wiper | Center tap (signal) | | **7** | Potentiometer Low | Bottom end of the pot | --- ## 4. Key Performance Indicators * **Response Time:** $\leq$ 0.5 seconds (0 – 90%). * **Temperature Coefficient:** $\pm 0.015\%$ per degree Celsius. * **Isolation Resistance:** 100 M$\Omega$ minimum at 500V DC.
    ✨ Follow-up Questions
    • ⤷ How do you calibrate the Zero and Span on the M5VS-44-R?
    • ⤷ What is the maximum load resistance supported by the 4-20mA output?
    • ⤷ Can this unit be used with a 3-wire potentiometer?