M5VS-41W-R
AI

The **M5VS-41W-R** is a specific model within the **M5VS series** of signal conditioners manufactured by **M-System**. This device is a compact, plug-in signal isolator/converter designed for industrial automation and process control.
---
## 1. Technical Specifications Breakdown
The alphanumeric code `M5VS-41W-R` describes the hardware configuration and electronic capabilities of the unit:
| Code Segment | Feature | Description |
| :--- | :--- | :--- |
| **M5VS** | Series Name | Ultra-slim (5.9mm wide) Signal Conditioner |
| **4** | Input Signal | 0 – 10V DC |
| **1** | Output 1 | 4 – 20mA DC |
| **W** | Output 2 | 4 – 20mA DC (Dual Output) |
| **R** | Power Input | 24V DC |
---
## 2. Key Electronic Components & Features
### Dual Output Functionality
The "W" in the model name indicates that this is a **Signal Splitter**. It takes one voltage input (0-10V) and converts it into two independent current outputs (4-20mA). This allows one sensor signal to be sent to two different devices (e.g., a PLC and a local display) simultaneously.
### Isolation Technology
The device features **3-way isolation**. This means the electronic circuitry physically and electrically separates:
1. **Input**
2. **Output**
3. **Power Supply**
*This prevents ground loops, reduces noise interference, and protects sensitive control equipment from high-voltage surges.*
### Form Factor
As part of the M5-unit series, it utilizes a **5.9 mm (0.23") ultra-slim housing**. This high-density design allows for significant space saving on DIN rails in control cabinets.
---
## 3. Electrical Performance Data
| Parameter | Value / Range |
| :--- | :--- |
| **Accuracy** | ±0.1% of span |
| **Response Time** | ≤ 25 ms (0 – 90%) |
| **Insulation Resistance** | ≥ 100 MΩ with 500V DC |
| **Dielectric Strength** | 2000V AC @ 1 minute |
| **Operating Temperature** | -20 to +65°C (-4 to 149°F) |
---
## 4. Connection Diagram (General)
```text
Input (0-10V) ----> [ M5VS-41W-R ] ----> Output 1 (4-20mA)
[ Isolation ] ----> Output 2 (4-20mA)
[ 24V Power ]
```
---
- ⤷What is the maximum load resistance for the 4-20mA outputs on this model?
- ⤷ Can the input range be field-reconfigured to 4-20mA?
- ⤷ How does 3-way isolation protect a PLC from ground loops?