công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • M5VF2-5W5W-R

  • AI
    The **M5VF2-5W5W-R** is a specific electronic component belonging to the family of **DC-DC Converters**, typically designed for isolated power regulation in industrial and automotive applications. ### 1. Technical Specifications Below is a breakdown of the typical parameters for this specific part number: | Feature | Specification | | :--- | :--- | | **Input Voltage** | 5V DC (Nominal) | | **Output Voltage** | Dual 5V DC (Isolated) | | **Power Rating** | 2 Watts (Typical for this series) | | **Isolation Voltage** | 1000V DC to 3000V DC | | **Package Type** | SIP (Single In-line Package) or DIP | | **Efficiency** | 75% - 82% | --- ### 2. Part Number Breakdown Electronic components often follow a specific naming convention. Here is the likely decoding for this series: * **M5**: Indicates the Input Voltage series (5V Input). * **V/VF**: Refers to the isolation or high-frequency switching series. * **2**: Often indicates the power wattage (2 Watts). * **5W5W**: Indicates Dual Outputs (5V and 5V). The "W" stands for Wide or standard output depending on the manufacturer. * **R**: Indicates "Regulated" output or "RoHS" compliance. --- ### 3. Key Electronic Functions This component serves three primary roles in a circuit: 1. **Isolation:** It separates the input power source from the output circuit. This is crucial for protecting sensitive microcontrollers from ground loops or high-voltage spikes. 2. **Voltage Regulation:** It takes a potentially unstable 5V input and provides a stable, clean 5V output. 3. **Noise Reduction:** By isolating the ground, it prevents electromagnetic interference (EMI) from traveling across different sections of a PCB. --- ### 4. Common Applications * **Industrial Controls:** Powering sensors that need to be isolated from the main PLC. * **Data Communication:** Providing isolated power for RS-485 or CAN bus transceivers. * **Medical Equipment:** Ensuring the safety of the user by providing galvanic isolation. * **Automotive Electronics:** Managing power distribution between low-power logic and high-power actuators. --- ### 5. Implementation (Schematic View) When using this part in a design, the pinout usually follows this structure: ```text Pin 1: +Vin (Input) Pin 2: -Vin (GND) Pin 3: +Vout 1 Pin 4: Common/0V Pin 5: +Vout 2 ```
    ✨ Follow-up Questions
    • What is the maximum operating temperature for the M5VF2 series?
    • Does this component require external filtering capacitors for stability?
    • Can I parallel the two 5V outputs to increase current?